Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAV414 Datasheet(PDF) 6 Page - Analog Microelectronics

Part # CAV414
Description  Converter IC for Capacitive Signals
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

CAV414 Datasheet(HTML) 6 Page - Analog Microelectronics

  CAV414 Datasheet HTML 1Page - Analog Microelectronics CAV414 Datasheet HTML 2Page - Analog Microelectronics CAV414 Datasheet HTML 3Page - Analog Microelectronics CAV414 Datasheet HTML 4Page - Analog Microelectronics CAV414 Datasheet HTML 5Page - Analog Microelectronics CAV414 Datasheet HTML 6Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Converter IC for Capacitive Signals
CAV414
analog microelectronics
January 2001
6/6
PINOUT
CX1
CL1
CX2
CL2
COSC
VREF
VCC
GND
RCOSC
RCX1
RCX2
RL
LPOUT
VM
GAIN
VOUT
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
Figure 3
DELIVERY
The CAV414 is available in version:
• 16–Pin–DIL (samples)
• SO 16 (n) (Maximum Power Dissipation P
D = 300mW)
• Dice on 5“ blue foil
PACKAGE DIMENSIONS SO16 (n)
PIN
NAME
DESIGNATION
1
RCOSC
Current Definition of Ref. Oscillator
2
RCX1
Current Adjustment of Cap. Integrator 1
3
RCX2
Current Adjustment of Cap. Integrator 2
4
RL
Gain Adjustment of Lowpass Filter
5
LPOUT
Output of Lowpass Filter
6
VM
Reference Voltage 2V
7
GAIN
Gain Adjustment
8
VOUT
Voltage Output
9
VCC
Supply Voltage
10
GND
IC Ground
11
VREF
Reference Voltage 5V
12
COSC
Capacitor of Reference Oscillator
13
CL2
Corner Frequency of Lowpass 2
14
CX2
Integrator Capacitor 2
15
CL1
Corner Frequency of Lowpass 1
16
CX1
Integrator Capacitor 1
The information provided herein is believed to be reliable; however, Analog Microelectronics assumes no responsibility for inaccuracies or omissions. Analog Microelectronics assumes no responsibility
for the use of this information, and all use of such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licences to any of
the circuits described herein are implied or granted to any third party. Analog Microelectronics does not authorise or warrant any Analog Microelectronics product use in life support devices and/or sys-
tems.
1
16
8
0°-10°
≥ 0,3
6,2 ± 0,2
4,0 + 0,2 - 0,1
0,2 ± 0,05
1,27
≤ 2,00
10,06 ± 0,1
0,42 ± 0,07
≤ 0,635
1,45 ± 0,1
0,2 ± 0,1
Figure 4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com