Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2012AT20E/P Datasheet(PDF) 30 Page - Microchip Technology

Part # DSPIC30F2012AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT20E/P Datasheet(HTML) 30 Page - Microchip Technology

Back Button DSPIC30F2012AT20E/P Datasheet HTML 26Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 27Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 28Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 29Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 30Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 31Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 32Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 33Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 28
© 2006 Microchip Technology Inc.
FIGURE 3-1:
dsPIC30F2011/2012
PROGRAM SPACE
MEMORY MAP
FIGURE 3-2:
dsPIC30F3012/3013
PROGRAM SPACE
MEMORY MAP
Reset - Target Address
000000
00007E
000002
000080
Device Configuration
User Flash
Program Memory
002000
001FFE
(4K instructions)
800000
F80000
Registers
F8000E
F80010
DEVID (2)
FEFFFE
FF0000
FFFFFE
Reserved
F7FFFE
Reserved
(Read ‘0’s)
8005FE
800600
UNITID (32 instr.)
Vector Tables
8005BE
8005C0
Reset - GOTO Instruction
000004
Reserved
7FFFFE
Reserved
000100
0000FE
000084
Alternate Vector Table
Reserved
Interrupt Vector Table
Reset - Target Address
000000
00007E
000002
000080
Device Configuration
User Flash
Program Memory
004000
003FFE
Data EEPROM
(8K instructions)
(1 Kbyte)
800000
F80000
Registers
F8000E
F80010
DEVID (2)
FEFFFE
FF0000
FFFFFE
Reserved
F7FFFE
Reserved
7FFC00
7FFBFE
(Read ‘0’s)
8005FE
800600
UNITID (32 instr.)
Vector Tables
8005BE
8005C0
Reset - GOTO Instruction
000004
Reserved
7FFFFE
Reserved
000100
0000FE
000084
Alternate Vector Table
Reserved
Interrupt Vector Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com