Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2012AT20E/P Datasheet(PDF) 32 Page - Microchip Technology

Part # DSPIC30F2012AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT20E/P Datasheet(HTML) 32 Page - Microchip Technology

Back Button DSPIC30F2012AT20E/P Datasheet HTML 28Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 29Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 30Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 31Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 32Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 33Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 34Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 35Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 30
© 2006 Microchip Technology Inc.
3.1.1
DATA ACCESS FROM PROGRAM
MEMORY USING TABLE
INSTRUCTIONS
This architecture fetches 24-bit wide program memory.
Consequently,
instructions
are
always
aligned.
However, as the architecture is modified Harvard, data
can also be present in program space.
There are two methods by which program space can
be accessed: via special table instructions, or through
the remapping of a 16K word program space page into
the upper half of data space (see Section 3.1.2 “Data
Access from Program Memory Using Program
Space Visibility”). The TBLRDL and TBLWTL instruc-
tions offer a direct method of reading or writing the lsw
of any address within program space, without going
through data space. The TBLRDH and TBLWTH instruc-
tions are the only method whereby the upper 8 bits of a
program space word can be accessed as data.
The PC is incremented by two for each successive
24-bit program word. This allows program memory
addresses to directly map to data space addresses.
Program memory can thus be regarded as two 16-bit
word wide address spaces, residing side by side, each
with the same address range. TBLRDL and TBLWTL
access the space which contains the lsw, and TBLRDH
and TBLWTH access the space which contains the
MSB.
Figure 3-3 shows how the EA is created for table oper-
ations and data space accesses (PSV = 1). Here,
P<23:0> refers to a program space word, whereas
D<15:0> refers to a data space word.
A set of table instructions are provided to move byte or
word-sized data to and from program space. See Fig-
ure 3-4 and Figure 3-5.
1.
TBLRDL:
Table Read Low
Word: Read the LS Word of the program address;
P<15:0> maps to D<15:0>.
Byte: Read one of the LSB of the program
address;
P<7:0> maps to the destination byte when byte
select = 0;
P<15:8> maps to the destination byte when byte
select = 1.
2.
TBLWTL:
Table Write Low (refer to Section 5.0
“Flash Program Memory” for details on Flash
Programming)
3.
TBLRDH:
Table Read High
Word: Read the MS Word of the program address;
P<23:16> maps to D<7:0>; D<15:8> will always
be = 0.
Byte: Read one of the MSB of the program
address;
P<23:16> maps to the destination byte when
byte select = 0;
The destination byte will always be = 0 when
byte select = 1.
4.
TBLWTH:
Table Write High (refer to Section 5.0
“Flash Program Memory” for details on Flash
Programming)
FIGURE 3-4:
PROGRAM DATA TABLE ACCESS (lsw)
0
8
16
PC Address
0x000000
0x000002
0x000004
0x000006
23
00000000
00000000
00000000
00000000
Program Memory
‘Phantom’ Byte
(read as ‘0’)
TBLRDL.W
TBLRDL.B (Wn<0> = 1)
TBLRDL.B (Wn<0> = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com