Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2012AT20E/P Datasheet(PDF) 74 Page - Microchip Technology

Part # DSPIC30F2012AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT20E/P Datasheet(HTML) 74 Page - Microchip Technology

Back Button DSPIC30F2012AT20E/P Datasheet HTML 70Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 71Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 72Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 73Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 74Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 75Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 76Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 77Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 72
© 2006 Microchip Technology Inc.
9.1
Timer Gate Operation
The 16-bit timer can be placed in the Gated Time Accu-
mulation mode. This mode allows the internal TCY to
increment the respective timer when the gate input sig-
nal (T1CK pin) is asserted high. Control bit, TGATE
(T1CON<6>), must be set to enable this mode. The
timer must be enabled (TON = 1) and the timer clock
source set to internal (TCS = 0).
When the CPU goes into the Idle mode, the timer stops
incrementing unless TSIDL = 0. If TSIDL = 1, the timer
resumes the incrementing sequence upon termination
of the CPU Idle mode.
9.2
Timer Prescaler
The input clock (FOSC/4 or external clock) to the 16-bit
Timer has a prescale option of 1:1, 1:8, 1:64 and 1:256,
selected by control bits, TCKPS<1:0> (T1CON<5:4>).
The prescaler counter is cleared when any of the
following occurs:
• a write to the TMR1 register
• a write to the T1CON register
• device Reset, such as POR and BOR
However, if the timer is disabled (TON = 0), then the
timer prescaler cannot be reset since the prescaler
clock is halted.
TMR1 is not cleared when T1CON is written. It is
cleared by writing to the TMR1 register.
9.3
Timer Operation During Sleep
Mode
The timer operates during CPU Sleep mode if:
• The timer module is enabled (TON = 1), and
• The timer clock source is selected as external
(TCS = 1), and
• The TSYNC bit (T1CON<2>) is asserted to a logic
‘0’ which defines the external clock source as
asynchronous.
When all three conditions are true, the timer continues
to count up to the Period register and be reset to
0x0000.
When a match between the timer and the Period regis-
ter occurs, an interrupt can be generated if the
respective timer interrupt enable bit is asserted.
9.4
Timer Interrupt
The 16-bit timer has the ability to generate an interrupt-
on-period match. When the timer count matches the
Period register, the T1IF bit is asserted and an interrupt
is generated, if enabled. The T1IF bit must be cleared in
software. The timer interrupt flag, T1IF, is located in the
IFS0 Control register in the interrupt controller.
When the Gated Time Accumulation mode is enabled,
an interrupt is also generated on the falling edge of the
gate signal (at the end of the accumulation cycle).
Enabling an interrupt is accomplished via the respec-
tive timer interrupt enable bit, T1IE. The timer interrupt
enable bit is located in the IEC0 Control register in the
interrupt controller.
9.5
Real-Time Clock
Timer1, when operating in Real-Time Clock (RTC)
mode, provides time of day and event time-stamping
capabilities. Key operational features of the RTC are:
• Operation from 32 kHz LP oscillator
• 8-bit prescaler
•Low power
• Real-Time Clock interrupts
These operating modes are determined by setting the
appropriate bit(s) in the T1CON Control register.
FIGURE 9-2:
RECOMMENDED
COMPONENTS FOR
TIMER1 LP OSCILLATOR
RTC
SOSCI
SOSCO
R
C1
C2
dsPIC30FXXXX
32.768 kHz
XTAL
C1 = C2 = 18 pF; R = 100K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com