Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2012AT20E/P Datasheet(PDF) 57 Page - Microchip Technology

Part # DSPIC30F2012AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT20E/P Datasheet(HTML) 57 Page - Microchip Technology

Back Button DSPIC30F2012AT20E/P Datasheet HTML 53Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 54Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 55Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 56Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 57Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 58Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 59Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 60Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 55
dsPIC30F2011/2012/3012/3013
6.3
Writing to the Data EEPROM
To write an EEPROM data location, the following
sequence must be followed:
1.
Erase data EEPROM word.
a)
Select word, data EEPROM erase, and set
WREN bit in NVMCON register.
b)
Write address of word to be erased into
NVMADR.
c)
Enable NVM interrupt (optional).
d)
Write ‘55’ to NVMKEY.
e)
Write ‘AA’ to NVMKEY.
f)
Set the WR bit. This begins erase cycle.
g)
Either poll NVMIF bit or wait for NVMIF
interrupt.
h)
The WR bit is cleared when the erase cycle
ends.
2.
Write data word into data EEPROM write
latches.
3.
Program 1 data word into data EEPROM.
a)
Select word, data EEPROM program, and
set WREN bit in NVMCON register.
b)
Enable NVM write done interrupt (optional).
c)
Write ‘55’ to NVMKEY.
d)
Write ‘AA’ to NVMKEY.
e)
Set the WR bit. This begins program cycle.
f)
Either poll NVMIF bit or wait for NVM
interrupt.
g)
The WR bit is cleared when the write cycle
ends.
The write does not initiate if the above sequence is not
exactly followed (write 0x55 to NVMKEY, write 0xAA to
NVMCON, then set WR bit) for each word. It is strongly
recommended that interrupts be disabled during this
code segment.
Additionally, the WREN bit in NVMCON must be set to
enable writes. This mechanism prevents accidental
writes to data EEPROM due to unexpected code exe-
cution. The WREN bit should be kept clear at all times
except when updating the EEPROM. The WREN bit is
not cleared by hardware.
After a write sequence has been initiated, clearing the
WREN bit does not affect the current write cycle. The
WR bit is inhibited from being set unless the WREN bit
is set. The WREN bit must be set on a previous instruc-
tion. Both WR and WREN cannot be set with the same
instruction.
At the completion of the write cycle, the WR bit is
cleared in hardware and the Nonvolatile Memory Write
Complete Interrupt Flag bit (NVMIF) is set. The user
may either enable this interrupt or poll this bit. NVMIF
must be cleared by software.
6.3.1
WRITING A WORD OF DATA
EEPROM
Once the user has erased the word to be programmed,
then a table write instruction is used to write one write
latch, as shown in Example 6-4.
6.3.2
WRITING A BLOCK OF DATA
EEPROM
To write a block of data EEPROM, write to all sixteen
latches first, then set the NVMCON register and
program the block.
EXAMPLE 6-4:
DATA EEPROM WORD WRITE
; Point to data memory
MOV
#LOW_ADDR_WORD,W0
; Init pointer
MOV
#HIGH_ADDR_WORD,W1
MOV
W1,TBLPAG
MOV
#LOW(WORD),W2
; Get data
TBLWTL
W2,[ W0]
; Write data
; The NVMADR captures last table access address
; Select data EEPROM for 1 word op
MOV
#0x4004,W0
MOV
W0,NVMCON
; Operate key to allow write operation
DISI
#5
; Block all interrupts with priority <7 for
; next 5 instructions
MOV
#0x55,W0
MOV
W0,NVMKEY
; Write the 0x55 key
MOV
#0xAA,W1
MOV
W1,NVMKEY
; Write the 0xAA key
BSET
NVMCON,#WR
; Initiate program sequence
NOP
NOP
; Write cycle will complete in 2mS. CPU is not stalled for the Data Write Cycle
; User can poll WR bit, use NVMIF or Timer IRQ to determine write complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com