Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2012AT20E/P Datasheet(PDF) 105 Page - Microchip Technology

Part # DSPIC30F2012AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT20E/P Datasheet(HTML) 105 Page - Microchip Technology

Back Button DSPIC30F2012AT20E/P Datasheet HTML 101Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 102Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 103Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 104Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 105Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 106Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 107Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 108Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 103
dsPIC30F2011/2012/3012/3013
15.2
Enabling and Setting Up UART
15.2.1
ENABLING THE UART
The UART module is enabled by setting the UARTEN
bit in the UxMODE register (where x = 1 or 2). Once
enabled, the UxTX and UxRX pins are configured as an
output and an input respectively, overriding the TRIS
and LAT register bit settings for the corresponding I/O
port pins. The UxTX pin is at logic ‘1’ when no
transmission is taking place.
15.2.2
DISABLING THE UART
The UART module is disabled by clearing the UARTEN
bit in the UxMODE register. This is the default state
after any Reset. If the UART is disabled, all I/O pins
operate as port pins under the control of the LAT and
TRIS bits of the corresponding port pins.
Disabling the UART module resets the buffers to empty
states. Any data characters in the buffers are lost and
the baud rate counter is reset.
All error and status flags associated with the UART
module are reset when the module is disabled. The
URXDA, OERR, FERR, PERR, UTXEN, UTXBRK and
UTXBF bits are cleared, whereas RIDLE and TRMT
are
set.
Other
control
bits,
including
ADDEN,
URXISEL<1:0>, UTXISEL, as well as the UxMODE
and UxBRG registers, are not affected.
Clearing the UARTEN bit while the UART is active will
abort all pending transmissions and receptions and
reset the module as defined above. Re-enabling the
UART will restart the UART in the same configuration.
15.2.3
ALTERNATE I/O
The alternate I/O function is enabled by setting the
ALTIO bit (UxMODE<10>). If ALTIO = 1, the UxATX
and UxARX pins (alternate transmit and alternate
receive pins, respectively) are used by the UART mod-
ule instead of the UxTX and UxRX pins. If ALTIO = 0,
the UxTX and UxRX pins are used by the UART
module.
15.2.4
SETTING UP DATA, PARITY AND
STOP BIT SELECTIONS
Control bits PDSEL<1:0> in the UxMODE register are
used to select the data length and parity used in the
transmission. The data length may either be 8 bits with
even, odd or no parity, or 9 bits with no parity.
The STSEL bit determines whether one or two Stop bits
will be used during data transmission.
The default (power-on) setting of the UART is 8 bits, no
parity and 1 Stop bit (typically represented as 8, N, 1).
15.3
Transmitting Data
15.3.1
TRANSMITTING IN 8-BIT DATA
MODE
The following steps must be performed in order to
transmit 8-bit data:
1.
Set up the UART:
First, the data length, parity and number of Stop
bits must be selected. Then, the transmit and
receive interrupt enable and priority bits are
setup in the UxMODE and UxSTA registers.
Also, the appropriate baud rate value must be
written to the UxBRG register.
2.
Enable the UART by setting the UARTEN bit
(UxMODE<15>).
3.
Set the UTXEN bit (UxSTA<10>), thereby
enabling a transmission.
4.
Write the byte to be transmitted to the lower byte
of UxTXREG. The value will be transferred to the
Transmit Shift register (UxTSR) immediately
and the serial bit stream will start shifting out
during the next rising edge of the baud clock.
Alternatively, the data byte may be written while
UTXEN = 0, following which, the user may set
UTXEN. This will cause the serial bit stream to
begin immediately because the baud clock will
start from a cleared state.
5.
A transmit interrupt will be generated, depend-
ing on the value of the interrupt control bit
UTXISEL (UxSTA<15>).
15.3.2
TRANSMITTING IN 9-BIT DATA
MODE
The sequence of steps involved in the transmission of
9-bit data is similar to 8-bit transmission, except that a
16-bit data word (of which the upper 7 bits are always
clear) must be written to the UxTXREG register.
15.3.3
TRANSMIT BUFFER (UXTXB)
The transmit buffer is 9 bits wide and 4 characters
deep. Including the Transmit Shift register (UxTSR),
the user effectively has a 5-deep FIFO (First-In, First-
Out) buffer. The UTXBF bit (UxSTA<9>) indicates
whether the transmit buffer is full.
If a user attempts to write to a full buffer, the new data
will not be accepted into the FIFO and no data shift will
occur within the buffer. This enables recovery from a
buffer overrun condition.
The FIFO is reset during any device Reset, but is not
affected when the device enters or wakes up from a
Power Saving mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com