Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2012AT20E/P Datasheet(PDF) 153 Page - Microchip Technology

Part # DSPIC30F2012AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT20E/P Datasheet(HTML) 153 Page - Microchip Technology

Back Button DSPIC30F2012AT20E/P Datasheet HTML 149Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 150Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 151Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 152Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 153Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 154Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 155Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 156Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 151
dsPIC30F2011/2012/3012/3013
TABLE 20-9:
DC CHARACTERISTICS: I/O PIN OUTPUT SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
VOL
Output Low Voltage(2)
DO10
I/O ports
—
—
0.6
V
IOL = 8.5 mA, VDD = 5V
——
TBD
V
IOL = 2.0 mA, VDD = 3V
DO16
OSC2/CLKO
—
—
0.6
V
IOL = 1.6 mA, VDD = 5V
(RC or EC Osc mode)
—
—
TBD
V
IOL = 2.0 mA, VDD = 3V
VOH
Output High Voltage(2)
DO20
I/O ports
VDD – 0.7
—
—
V
IOH = -3.0 mA, VDD = 5V
TBD
—
—
V
IOH = -2.0 mA, VDD = 3V
DO26
OSC2/CLKO
VDD – 0.7
—
—
V
IOH = -1.3 mA, VDD = 5V
(RC or EC Osc mode)
TBD
—
—
V
IOH = -2.0 mA, VDD = 3V
Capacitive Loading Specs
on Output Pins(2)
DO50
COSC2
OSC2/SOSC2 pin
—
—
15
pF
In XTL, XT, HS and LP modes
when external clock is used to
drive OSC1.
DO56
CIO
All I/O pins and OSC2
—
—
50
pF
RC or EC Osc mode
DO58
CB
SCL, SDA
—
—
400
pF
In I2C mode
Note 1:
Data in “Typ” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.
2:
These parameters are characterized but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com