Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8652ARMZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8652ARMZ
Description  50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8652ARMZ Datasheet(HTML) 4 Page - Analog Devices

  AD8652ARMZ Datasheet HTML 1Page - Analog Devices AD8652ARMZ Datasheet HTML 2Page - Analog Devices AD8652ARMZ Datasheet HTML 3Page - Analog Devices AD8652ARMZ Datasheet HTML 4Page - Analog Devices AD8652ARMZ Datasheet HTML 5Page - Analog Devices AD8652ARMZ Datasheet HTML 6Page - Analog Devices AD8652ARMZ Datasheet HTML 7Page - Analog Devices AD8652ARMZ Datasheet HTML 8Page - Analog Devices AD8652ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8651/AD8652
Data Sheet
Rev. D | Page 4 of 20
V+ = 5 V, V– = 0 V, VCM = V+/2, TA = 25°C, unless otherwise specified.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
AD8651
0 V ≤ VCM ≤ 5 V
100
350
μV
–40°C ≤ TA ≤ +85°C, 0 V ≤ VCM ≤ 5 V
1.4
mV
–40°C ≤ TA ≤ +125°C, 0 V ≤ VCM ≤ 5 V
1.7
mV
AD8652
0 V ≤ VCM ≤ 5 V
90
300
μV
–40°C ≤ TA ≤ +125°C, 0 V ≤ VCM ≤ 5 V
0.4
1.4
mV
Offset Voltage Drift
TCVOS
4
μV/°C
Input Bias Current
IB
1
10
pA
–40°C ≤ TA ≤ +85°C
30
pA
–40°C ≤ TA ≤ +125°C
600
pA
Input Offset Current
IOS
1
10
pA
–40°C ≤ TA ≤ +85°C
30
pA
–40°C ≤ TA ≤ +125°C
600
pA
Input Voltage Range
VCM
–0.1
+5.1
V
Common-Mode Rejection Ratio
CMRR
AD8651
0.1 V < VCM < 5.1 V
80
95
dB
–40°C ≤ TA ≤ +85°C, 0.1 V < VCM < 5.1 V
75
94
dB
–40°C ≤ TA ≤ +125°C, 0.1 V < VCM < 5.1 V
70
90
dB
AD8652
0.1 V < VCM < 5.1 V
84
100
dB
–40°C ≤ TA ≤ +125°C, 0.1 V < VCM < 5.1 V
76
95
dB
Large Signal Voltage Gain
AVO
RL = 1 kΩ, 200 mV < VO < 4.8 V
100
115
dB
RL = 1 kΩ, 200 mV < VO < 4.8 V, TA = 85°C
98
114
dB
RL = 1 kΩ, 200 mV < VO < 4.8 V, TA = 125°C
95
111
dB
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 250 µA, –40°C ≤ TA ≤ +125°C
4.97
V
Output Voltage Low
VOL
IL = 250 µA, –40°C ≤ TA ≤ +125°C
30
mV
Short-Circuit Limit
ISC
Sourcing
80
mA
Sinking
80
mA
Output Current
IO
40
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 5.5 V, VCM = 0 V
76
94
dB
–40°C ≤ TA ≤ +125°C
74
93
dB
Supply Current
ISY
AD8651
IO = 0
9.5
14.0
mA
–40°C ≤ TA ≤ +125°C
15
mA
AD8652
IO = 0
17.5
20.0
mA
–40°C ≤ TA ≤ +125°C
23.5
mA
INPUT CAPACITANCE
CIN
Differential
6
pF
Common Mode
9
pF
DYNAMIC PERFORMANCE
Slew Rate
SR
G = 1, RL = 10 kΩ
41
V/µs
Gain Bandwidth Product
GBP
G = 1
50
MHz
Settling Time, 0.01%
G = ±1, 2 V step
0.2
μs
Overload Recovery Time
VIN × G = 1.2 V+
0.1
μs
Total Harmonic Distortion + Noise
THD + N
G = 1, RL = 600 Ω, f = 1 kHz, VIN = 2 V p-p
0.0006
%
NOISE PERFORMANCE
Voltage Noise Density
en
f = 10 kHz
5
nV/√Hz
f = 100 kHz
4.5
nV/√Hz
Current Noise Density
in
f = 10 kHz
4
fA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com