Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8652ARMZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8652ARMZ
Description  50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8652ARMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8652ARMZ Datasheet HTML 5Page - Analog Devices AD8652ARMZ Datasheet HTML 6Page - Analog Devices AD8652ARMZ Datasheet HTML 7Page - Analog Devices AD8652ARMZ Datasheet HTML 8Page - Analog Devices AD8652ARMZ Datasheet HTML 9Page - Analog Devices AD8652ARMZ Datasheet HTML 10Page - Analog Devices AD8652ARMZ Datasheet HTML 11Page - Analog Devices AD8652ARMZ Datasheet HTML 12Page - Analog Devices AD8652ARMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD8651/AD8652
Rev. D | Page 9 of 20
–20
0
20
40
60
80
100
120
140
–180
–135
–90
–45
0
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
100M
VS = ±2.5V
Figure 23. Open-Loop Gain and Phase vs. Frequency
112
113
117
116
115
114
TEMPERATURE (°C)
–50
0
50
100
150
VS = ±2.5V
RL = 1kΩ
Figure 24. Open-Loop Gain vs. Temperature
60
70
130
120
110
100
90
80
140
OUTPUT VOLTAGE SWING FROM THE RAILS (mV)
0
100
150
250
200
IL =4.2mA
IL =2.5mA
VS =±2.5V
IL =250µA
50
Figure 25. Open-Loop Gain vs. Output Voltage Swing
G = 100
G = 10
G = 1
VS = ±2.5V
RL = 1MΩ
CL = 47pF
FREQUENCY (Hz)
5k
–40
–20
20
0
60
40
50k
5M
500k
50M
300M
Figure 26. Closed-Loop Gain vs. Frequency
0
6
3
4
5
2
1
FREQUENCY (Hz)
100k
100M
10M
1M
VS = 5V
VS = 2.7V
Figure 27. Maximum Output Swing vs. Frequency
VS = ±2.5V
CL = 47pF
AV = 1
TIME (100µs/DIV)
Figure 28. Large Signal Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com