Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8652ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8652ARMZ
Description  50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8652ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8652ARMZ Datasheet HTML 4Page - Analog Devices AD8652ARMZ Datasheet HTML 5Page - Analog Devices AD8652ARMZ Datasheet HTML 6Page - Analog Devices AD8652ARMZ Datasheet HTML 7Page - Analog Devices AD8652ARMZ Datasheet HTML 8Page - Analog Devices AD8652ARMZ Datasheet HTML 9Page - Analog Devices AD8652ARMZ Datasheet HTML 10Page - Analog Devices AD8652ARMZ Datasheet HTML 11Page - Analog Devices AD8652ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8651/AD8652
Data Sheet
Rev. D | Page 8 of 20
82
85
100
97
91
88
94
TEMPERATURE (°C)
–50
0
50
100
150
Figure 17. CMRR vs. Temperature
0
100
80
60
40
20
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
10M
100M
VS = ±2.5V
+PSRR
–PSRR
Figure 18. PSRR vs. Frequency
80
85
100
95
90
TEMPERATURE (°C)
–50
0
50
100
150
VS = ±2.5V
Figure 19. PSRR vs. Temperature
1
100
10
FREQUENCY (Hz)
10
1k
100k
10k
100
VS = ±2.5V
Figure 20. Voltage Noise Density vs. Frequency
0
40
30
20
10
FREQUENCY (Hz)
100
1k
100k
10k
VS = ±2.5V
Figure 21. Current Noise Density vs. Frequency
VS = ±2.5V
VIN = 6.4V
VOUT
VIN
TIME (200µs/DIV)
0
Figure 22. No Phase Reversal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com