Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8652ARMZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD8652ARMZ
Description  50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8652ARMZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8652ARMZ Datasheet HTML 10Page - Analog Devices AD8652ARMZ Datasheet HTML 11Page - Analog Devices AD8652ARMZ Datasheet HTML 12Page - Analog Devices AD8652ARMZ Datasheet HTML 13Page - Analog Devices AD8652ARMZ Datasheet HTML 14Page - Analog Devices AD8652ARMZ Datasheet HTML 15Page - Analog Devices AD8652ARMZ Datasheet HTML 16Page - Analog Devices AD8652ARMZ Datasheet HTML 17Page - Analog Devices AD8652ARMZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8651/AD8652
Data Sheet
Rev. D | Page 14 of 20
APPLICATIONS
THEORY OF OPERATION
The AD865x family consists of voltage feedback, rail-to-rail
input and output precision CMOS amplifiers that operate from
2.7 V to 5.5 V of power supply voltage. These amplifiers use
Analog Devices, Inc. DigiTrim technology to achieve a higher
degree of precision than is available from most CMOS
amplifiers. DigiTrim technology, used in a number of Analog
Devices amplifiers, is a method of trimming the offset voltage of
the amplifier after it has been assembled. The advantage of
post-package trimming is that it corrects any offset voltages
caused by the mechanical stresses of assembly.
The AD865x family is available in standard op amp pinouts,
making DigiTrim completely transparent to the user. The input
stage of the amplifiers is a true rail-to-rail architecture, allowing
the input common-mode voltage range of the op amp to extend
to both positive and negative supply rails. The open-loop gain
of the AD865x with a load of 1 kΩ is typically 115 dB.
The AD865x can be used in any precision op amp application.
The amplifiers do not exhibit phase reversal for common-mode
voltages within the power supply. With voltage noise of
4.5 nV/√Hz and –105 dB distortion for 10 kHz, 2 V p-p signals,
the AD865x is a great choice for high resolution data
acquisition systems. Their low noise, sub-pA input bias current,
precision offset, and high speed make them superb preamps for
fast photodiode applications. The speed and output drive
capabilities of the AD865x also make the amplifiers useful in
video applications.
Rail-to-Rail Output Stage
The voltage swing of the output stage is rail-to-rail and is
achieved by using an NMOS and PMOS transistor pair con-
nected in a common source configuration. The maximum
output voltage swing is proportional to the output current, and
larger currents will limit how close the output voltage can get to
the proximity of the output voltage to the supply rail. This is a
characteristic of all rail-to-rail output amplifiers. With 40 mA of
output current, the output voltage can reach within 5 mV of the
positive and negative rails. At light loads of >100 kΩ, the output
swings within ~1 mV of the supplies.
Rail-to-Rail Input Stage
The input common-mode voltage range of the AD865x extends
to both positive and negative supply voltages. This maximizes
the usable voltage range of the amplifier, an important feature
for single-supply and low voltage applications. This rail-to-rail
input range is achieved by using two input differential pairs, one
NMOS and one PMOS, placed in parallel. The NMOS pair is active
at the upper end of the common-mode voltage range, and the
PMOS pair is active at the lower end of the common-mode range.
The NMOS and PMOS input stages are separately trimmed
using DigiTrim to minimize the offset voltage in both differen-
tial pairs. Both NMOS and PMOS input differential pairs are
active in a 500 mV transition region when the input common-
mode voltage is approximately 1.5 V below the positive supply
voltage. A special design technique improves the input offset
voltage in the transition region that traditionally exhibits a
slight VOS variation. As a result, the common-mode rejection
ratio is improved within this transition band. Compared to the
Burr Brown OPA350 amplifier, shown in Figure 53, the
AD865x, shown in Figure 54, exhibits much lower offset voltage
shift across the entire input common-mode range, including the
transition region.
COMMON-MODE VOLTAGE (V)
0
–600
–200
200
600
400
0
–400
2
1
4
3
5
6
Figure 53. Input Offset Distribution over Common-Mode
Voltage for the OPA350
COMMON-MODE VOLTAGE (V)
0
–600
–200
200
600
400
0
–400
2
1
4
3
5
6
Figure 54. Input Offset Distribution over Common-Mode
Input Protection for the AD865x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com