Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4899-1YCPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4899-1YCPZ-R2
Description  Unity-Gain Stable, Ultralow Distortion, 1 nV/Hz Voltage Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4899-1YCPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADA4899-1YCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADA4899-1
Rev. C | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
12.6 V
Power Dissipation
See Figure 4
Differential Input Voltage
±1.2 V
Differential Input Current
±10 mA
Storage Temperature Range
–65°C to +150°C
Operating Temperature Range
–40°C to +125°C
Lead Temperature (Soldering 10 sec)
300°C
Junction Temperature
150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation in the ADA4899-1
package is limited by the associated rise in junction temperature
(TJ) on the die. The plastic encapsulating the die locally reaches
the junction temperature. At approximately 150°C, which is the
glass transition temperature, the plastic changes its properties.
Even temporarily exceeding this temperature limit may change
the stresses that the package exerts on the die, permanently
shifting the parametric performance of the ADA4899-1.
Exceeding a junction temperature of 150°C for an extended
period can result in changes in silicon devices, potentially
causing failure.
The still-air thermal properties of the package and PCB (θJA),
the ambient temperature (TA), and the total power dissipated in
the package (PD) determine the junction temperature of the die.
The junction temperature is calculated as
TJ = TA + (PD × θJA)
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive for all outputs. The quiescent
power is the voltage between the supply pins (VS) times the
quiescent current (IS). Assuming the load (RL) is referenced to
midsupply, the total drive power is VS/2 × IOUT, some of which is
dissipated in the package and some in the load (VOUT × IOUT).
The difference between the total drive power and the load
power is the drive power dissipated in the package.
PD = Quiescent Power + (Total Drive Power – Load Power)
(
)
L
OUT
L
OUT
S
S
S
D
R
V
R
V
V
I
V
P
2
–
2


×
+
×
=
RMS output voltages should be considered. If RL is referenced to
VS–, as in single-supply operation, the total drive power is VS ×
IOUT. If the rms signal levels are indeterminate, consider the
worst case, when VOUT = VS/4 for RL to midsupply.
(
) (
)
L
S
S
S
D
R
/
V
I
V
P
2
4
+
×
=
In single-supply operation with RL referenced to VS–, the worst
case is VOUT = VS/2.
Airflow increases heat dissipation, effectively reducing θJA. In
addition, more metal directly in contact with the package leads
from metal traces, through holes, ground, and power planes
reduces the θJA. Soldering the exposed paddle to the ground
plane significantly reduces the overall thermal resistance of the
package.
Figure 4 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the exposed paddle
(EPAD) 8-lead SOIC (70°C/W) and 8-lead LFCSP (70°C/W)
packages on a JEDEC standard 4-layer board. θJA values are
approximations.
AMBIENT TEMPERATURE (°C)
120
–40
–20
0
20
40
60
80
100
0.0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
LFCSP AND SOIC
Figure 4. Maximum Power Dissipation vs. Ambient Temperature
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com