Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4899-1YCPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4899-1YCPZ-R2
Description  Unity-Gain Stable, Ultralow Distortion, 1 nV/Hz Voltage Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4899-1YCPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADA4899-1YCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Unity-Gain Stable, Ultralow Distortion,
1 nV/
Hz Voltage Noise, High Speed Op Amp
Data Sheet
ADA4899-1
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Unity-gain stable
Ultralow noise: 1 nV/√Hz, 2.6 pA/√Hz
Ultralow distortion −117 dBc at 1 MHz
High speed
−3 dB bandwidth: 600 MHz (G = +1)
Slew rate: 310 V/μs
Offset voltage: 230 μV maximum
Low input bias current: 100 nA
Wide supply voltage range: 5 V to 12 V
Supply current: 14.7 mA
High performance pinout
Disable mode
APPLICATIONS
Analog-to-digital drivers
Instrumentation
Filters
IF and baseband amplifiers
DAC buffers
Optical electronics
CONNECTION DIAGRAMS
DISABLE
NOTES
1. NIC = NO INTERNAL CONNECTION.
2. THE EXPOSED PAD MUST BE SOLDERED TO THE GROUND PLANE.
3
–IN
4
+IN
1
2
FEEDBACK
6NIC
5–VS
8+VS
7VOUT
ADA4899-1
Figure 1. 8-Lead LFCSP (CP-8-13)
FEEDBACK
ADA4899-1
TOP VIEW
(Not to Scale)
–IN
+IN
–VS
DISABLE
+VS
VOUT
–VS
NOTES
1. THE EXPOSED PAD MUST BE SOLDERED TO THE GROUND PLANE.
1
2
3
4
8
7
6
5
Figure 2. 8-Lead SOIC (RD-8-1)
GENERAL DESCRIPTION
The ADA4899-1 is an ultralow noise (1 nV/√Hz) and distortion
(<−117 dBc at 1 MHz) unity-gain stable voltage feedback op
amp, the combination of which makes it ideal for 16-bit and
18-bit systems. The ADA4899-1 features a linear, low noise
input stage and internal compensation that achieves high slew
rates and low noise even at unity gain. The Analog Devices,
Inc., proprietary next-generation XFCB process and innovative
circuit design enable such high performance amplifiers.
The ADA4899-1 drives 100 Ω loads at breakthrough performance
levels with only 15 mA of supply current. With the wide supply
voltage range (4.5 V to 12 V), low offset voltage (230 μV maxi-
mum), wide bandwidth (600 MHz), and slew rate (310 V/μs),
the ADA4899-1 is designed to work in the most demanding
applications. The ADA4899-1 also features an input bias current
cancellation mode that reduces input bias current by a factor of 60.
The ADA4899-1 is available in a 3 mm × 3 mm LFCSP and an
8-lead SOIC package. Both packages feature an exposed metal
paddle that improves heat transfer to the ground plane, which is
a significant improvement over traditional plastic packages. The
ADA4899-1 is rated to work over the extended industrial
temperature range, −40°C to +125°C.
100
10
1
0.1
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
G = +1
VS = ±5V
RL = 1kΩ
VOUT = 2V p-p
FREQUENCY (MHz)
HD3
HD2
Figure 3. Harmonic Distortion vs. Frequency


Similar Part No. - ADA4899-1YCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4899-1YCPZ-R2 AD-ADA4899-1YCPZ-R2 Datasheet
617Kb / 20P
Unity Gain Stable, Ultralow Distortion, 1 nV/ Hz Voltage Noise, High Speed Op Amp
4/06-Rev. 0 to Rev. A
ADA4899-1YCPZ-R2 AD-ADA4899-1YCPZ-R2 Datasheet
650Kb / 20P
Unity-Gain Stable, Ultralow Distortion, 1 nV/?숰z Voltage Noise, High Speed Op Amp
REV. B
ADA4899-1YCPZ-R2 AD-ADA4899-1YCPZ-R2 Datasheet
695Kb / 21P
Unity-Gain Stable, Ultralow Distortion, 1 nV/?뺿z Voltage Noise, High Speed Op Amp
Rev. C
More results

Similar Description - ADA4899-1YCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8099 AD-AD8099 Datasheet
1Mb / 28P
Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
6/04-Data Sheet changed from REV. A to REV. B
ADA4899-1 AD-ADA4899-1 Datasheet
617Kb / 20P
Unity Gain Stable, Ultralow Distortion, 1 nV/ Hz Voltage Noise, High Speed Op Amp
4/06-Rev. 0 to Rev. A
AD8045 AD-AD8045 Datasheet
667Kb / 24P
3 nV/Hz Ultralow Distortion, High Speed Op Amp
9/04-Data Sheet Changed from Rev. 0 to Rev. A
ADA4899-1 AD-ADA4899-1_07 Datasheet
650Kb / 20P
Unity-Gain Stable, Ultralow Distortion, 1 nV/?숰z Voltage Noise, High Speed Op Amp
REV. B
ADA4898-1 AD-ADA4898-1 Datasheet
432Kb / 16P
High Voltage, Low Noise, Low Distortion, Unity Gain Stable, High Speed Op Amp
REV. 0
AD8099 AD-AD8099_13 Datasheet
811Kb / 29P
Ultralow Distortion, High Speed 0.95 nV/?뺿z Voltage Noise Op Amp
REV. D
ADA4898-2YRDZ AD-ADA4898-2YRDZ Datasheet
408Kb / 20P
High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
REV. D
AD8045 AD-AD8045_15 Datasheet
709Kb / 25P
3 nV/Hz Ultralow Distortion, High Speed Op Amp
REV. A
ADA4898-1 AD-ADA4898-1_15 Datasheet
431Kb / 20P
High Voltage, Low Noise, Low Distortion, Unity-Gain Stable, High Speed Op Amp
Rev. E
ADA4899-1 AD-ADA4899-1_16 Datasheet
695Kb / 21P
Unity-Gain Stable, Ultralow Distortion, 1 nV/?뺿z Voltage Noise, High Speed Op Amp
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com