Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4899-1YCPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4899-1YCPZ-R2
Description  Unity-Gain Stable, Ultralow Distortion, 1 nV/Hz Voltage Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4899-1YCPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4899-1YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADA4899-1
Data Sheet
Rev. C | Page 10 of 20
150
0
25
50
75
100
125
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
G = +1
VS = ±5V
RL = 1kΩ
TIME (ns)
INPUT
OUTPUT
ERROR
Figure 29. Settling Time, G = +1
150
0
25
50
75
100
125
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
G = +5
VS = ±5V
RL = 1kΩ
TIME (ns)
INPUT
OUTPUT
ERROR
Figure 30. Settling Time, G = +5
1000
100
10
1
0.1
10
100
1k
10k
100k
FREQUENCY (MHz)
G = +1
VS = ±5V
DISABLE = NC
Figure 31. Input Impedance vs. Frequency
1000
100
10
1
0.1
0.01
0.001
0.001
0.01
0.1
1
10
FREQUENCY (MHz)
G = +1
VS = ±5V
DISABLE = NC
Figure 32. Output Impedance vs. Frequency
1000
100
10
1
0.1
10
100
1k
10k
100k
FREQUENCY (MHz)
G = +1
VS = ±5V
DISABLE = –5V
Figure 33. Output Impedance vs. Frequency (Disabled)
1G
100M
10M
1M
100k
10k
1k
100
10
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
G = +1
RL = 1kΩ
RF = 1kΩ
FREQUENCY (Hz)
VS = +5V
VS = ±5V
Figure 34. Common-Mode Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com