Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4899-1YCPZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4899-1YCPZ-R2
Description  Unity-Gain Stable, Ultralow Distortion, 1 nV/Hz Voltage Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4899-1YCPZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  ADA4899-1YCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADA4899-1
Data Sheet
Rev. C | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Connection Diagrams...................................................................... 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications with ±5 V Supply ..................................................... 3
Specifications with +5 V Supply ..................................................... 4
Absolute Maximum Ratings............................................................ 5
Maximum Power Dissipation ..................................................... 5
ESD Caution.................................................................................. 5
Typical Performance Characteristics ............................................. 6
Test Circuits..................................................................................... 12
Theory of Operation ...................................................................... 13
Packaging Innovation ................................................................ 13
DISABLE Pin .............................................................................. 13
Applications Information .............................................................. 14
Unity-Gain Operation ............................................................... 14
Recommended Values for Various Gains................................ 14
Noise ............................................................................................ 15
ADC Driver................................................................................. 15
DISABLE Pin Operation ........................................................... 16
ADA4899-1 Mux........................................................................ 16
Circuit Considerations .............................................................. 16
Outline Dimensions....................................................................... 18
Ordering Guide .......................................................................... 18
REVISION HISTORY
5/2016—Rev. B to Rev. C
Changed CP-8-2 to CP-8-13 ........................................ Throughout
Changes to Figure 1 and Figure 2................................................... 1
Updated Outline Dimensions....................................................... 18
Changes to Ordering Guide .......................................................... 18
6/2007—Rev. A to Rev. B
Changes to Table 1............................................................................ 3
Changes to Table 2............................................................................ 4
Changes to Figure 21 and Figure 22............................................... 8
Changes to Packaging Innovation Section.................................. 13
Changes to Figure 49 and Figure 50............................................. 15
Updated Outline Dimensions....................................................... 18
4/2006—Rev. 0 to Rev. A
Changes to Figure 2.......................................................................... 1
10/2005—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com