Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-E/PSQTP Datasheet(PDF) 53 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 53 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 49Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 50Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 51Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 52Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 53Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 54Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 55Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 56Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 51
PIC18FXX8
IPR1
PSPIP(1)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
1111 1111
32, 88
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000
32, 82
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000
32, 85
TRISE(1)
IBF
OBF
IBOV
PSPMODE
—
Data Direction bits for PORTE(1)
0000 -111
33, 105
TRISD(1)
Data Direction Control Register for PORTD(1)
1111 1111
33, 102
TRISC
Data Direction Control Register for PORTC
1111 1111
33, 100
TRISB
Data Direction Control Register for PORTB
1111 1111
33, 96
TRISA(3)
—
Data Direction Control Register for PORTA
-111 1111
33, 93
LATE(1)
—
—
—
—
—
Read PORTE Data Latch, Write
PORTE Data Latch(1)
---- -xxx
33, 104
LATD(1)
Read PORTD Data Latch, Write PORTD Data Latch(1)
xxxx xxxx
33, 102
LATC
Read PORTC Data Latch, Write PORTC Data Latch
xxxx xxxx
33, 100
LATB
Read PORTB Data Latch, Write PORTB Data Latch
xxxx xxxx
33, 96
LATA(3)
—
Read PORTA Data Latch, Write PORTA Data Latch
-xxx xxxx
33, 93
PORTE(1)
—
—
—
—
—
Read PORTE pins, Write PORTE Data
Latch(1)
---- -xxx
33, 104
PORTD(1)
Read PORTD pins, Write PORTD Data Latch(1)
xxxx xxxx
33, 102
PORTC
Read PORTC pins, Write PORTC Data Latch
xxxx xxxx
33, 100
PORTB
Read PORTB pins, Write PORTB Data Latch
xxxx xxxx
33, 96
PORTA(3)
—
Read PORTA pins, Write PORTA Data Latch
-x0x 0000
33, 93
TXERRCNT
TEC7
TEC6
TEC5
TEC4
TEC3
TEC2
TEC1
TEC0
0000 0000
33, 209
RXERRCNT
REC7
REC6
REC5
REC4
REC3
REC2
REC1
REC0
0000 0000
33, 214
COMSTAT
RXB0OVFL
RXB1OVFL
TXBO
TXBP
RXBP
TXWARN
RXWARN
EWARN
0000 0000
33, 205
CIOCON
—
—
ENDRHI
CANCAP
—
—
—
—
--00 ----
33, 221
BRGCON3
—
WAKFIL
—
—
—
SEG2PH2
SEG2PH1
SEG2PH0
-0-- -000
33, 220
BRGCON2
SEG2PHTS
SAM
SEG1PH2
SEG1PH1
SEG1PH0
PRSEG2
PRSEG1
PRSEG0
0000 0000
33, 219
BRGCON1
SJW1
SJW0
BRP5
BRP4
BRP3
BRP2
BRP1
BRP0
0000 0000
33, 218
CANCON
REQOP2
REQOP1
REQOP0
ABAT
WIN2
WIN1
WIN0
—
xxxx xxx-
33, 201
CANSTAT
OPMODE2
OPMODE1
OPMODE0
—
ICODE2
ICODE1
ICODE0
—
xxx- xxx-
33, 202
RXB0D7
RXB0D77
RXB0D76
RXB0D75
RXB0D74
RXB0D73
RXB0D72
RXB0D71
RXB0D70
xxxx xxxx
33, 214
RXB0D6
RXB0D67
RXB0D66
RXB0D65
RXB0D64
RXB0D63
RXB0D62
RXB0D61
RXB0D60
xxxx xxxx
33, 214
RXB0D5
RXB0D57
RXB0D56
RXB0D55
RXB0D54
RXB0D53
RXB0D52
RXB0D51
RXB0D50
xxxx xxxx
33, 214
RXB0D4
RXB0D47
RXB0D46
RXB0D45
RXB0D44
RXB0D43
RXB0D42
RXB0D41
RXB0D40
xxxx xxxx
33, 214
RXB0D3
RXB0D37
RXB0D36
RXB0D35
RXB0D34
RXB0D33
RXB0D32
RXB0D31
RXB0D30
xxxx xxxx
33, 214
RXB0D2
RXB0D27
RXB0D26
RXB0D25
RXB0D24
RXB0D23
RXB0D22
RXB0D21
RXB0D20
xxxx xxxx
33, 214
RXB0D1
RXB0D17
RXB0D16
RXB0D15
RXB0D14
RXB0D13
RXB0D12
RXB0D11
RXB0D10
xxxx xxxx
33, 214
RXB0D0
RXB0D07
RXB0D06
RXB0D05
RXB0D04
RXB0D03
RXB0D02
RXB0D01
RXB0D00
xxxx xxxx
33, 214
RXB0DLC
—
RXRTR
RB1
RB0
DLC3
DLC2
DLC1
DLC0
-xxx xxxx
34, 213
RXB0EIDL
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
34, 213
RXB0EIDH
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
34, 212
RXB0SIDL
SID2
SID1
SID0
SRR
EXID
—EID17
EID16
xxxx x-xx
34, 212
RXB0SIDH
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
34, 212
RXB0CON
RXFUL
RXM1
RXM0
—
RXRTRRO RXB0DBEN
JTOFF
FILHIT0
000- 0000
34, 210
TABLE 4-2:
REGISTER FILE SUMMARY (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details on
Page:
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note
1:
These registers or register bits are not implemented on the PIC18F248 and PIC18F258 and read as ‘0’s.
2:
Bit 21 of the TBLPTRU allows access to the device configuration bits.
3:
RA6 and associated bits are configured as port pins in RCIO and ECIO Oscillator mode only and read ‘0’ in all other oscillator modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com