Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-E/PSQTP Datasheet(PDF) 92 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 92 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 88Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 89Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 90Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 91Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 92Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 93Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 94Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 95Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 402 page
background image
PIC18FXX8
DS41159E-page 90
© 2006 Microchip Technology Inc.
REGISTER 8-12:
IPR3: PERIPHERAL INTERRUPT PRIORITY REGISTER 3
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
IRXIP
WAKIP
ERRIP
TXB2IP
TXB1IP
TXB0IP
RXB1IP
RXB0IP
bit 7
bit 0
bit 7
IRXIP: Invalid Message Received Interrupt Priority bit
1
=High priority
0
= Low priority
bit 6
WAKIP: Bus Activity Wake-up Interrupt Priority bit
1
=High priority
0
= Low priority
bit 5
ERRIP: CAN bus Error Interrupt Priority bit
1
=High priority
0
= Low priority
bit 4
TXB2IP: Transmit Buffer 2 Interrupt Priority bit
1
=High priority
0
= Low priority
bit 3
TXB1IP: Transmit Buffer 1 Interrupt Priority bit
1
=High priority
0
= Low priority
bit 2
TXB0IP: Transmit Buffer 0 Interrupt Priority bit
1
=High priority
0
= Low priority
bit 1
RXB1IP: Receive Buffer 1 Interrupt Priority bit
1
=High priority
0
= Low priority
bit 0
RXB0IP: Receive Buffer 0 Interrupt Priority bit
1
=High priority
0
= Low priority
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com