Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-E/PSQTP Datasheet(PDF) 19 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 19 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 15Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 16Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 17Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 18Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 19Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 20Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 21Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 22Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 17
PIC18FXX8
2.0
OSCILLATOR
CONFIGURATIONS
2.1
Oscillator Types
The PIC18FXX8 can be operated in one of eight oscil-
lator modes, programmable by three configuration bits
(FOSC2, FOSC1 and FOSC0).
1.
LP
Low-Power Crystal
2.
XT
Crystal/Resonator
3.
HS
High-Speed Crystal/Resonator
4.
HS4
High-Speed Crystal/Resonator with
PLL enabled
5.
RC
External Resistor/Capacitor
6.
RCIO
External Resistor/Capacitor with I/O
pin enabled
7.
EC
External Clock
8.
ECIO
External Clock with I/O pin enabled
2.2
Crystal Oscillator/Ceramic
Resonators
In XT, LP, HS or HS4 (PLL) Oscillator modes, a crystal
or ceramic resonator is connected to the OSC1 and
OSC2 pins to establish oscillation. Figure 2-1 shows
the pin connections. An external clock source may also
be connected to the OSC1 pin, as shown in Figure 2-3
and Figure 2-4.
The PIC18FXX8 oscillator design requires the use of a
parallel cut crystal.
FIGURE 2-1:
CRYSTAL/CERAMIC
RESONATOR OPERATION
(HS, XT OR LP OSC
CONFIGURATION)
TABLE 2-1:
CERAMIC RESONATORS
Note:
Use of a series cut crystal may give a fre-
quency out of the crystal manufacturer’s
specifications.
Ranges Tested:
Mode
Freq
OSC1
OSC2
XT
455 kHz
2.0 MHz
4.0 MHz
68-100 pF
15-68 pF
15-68 pF
68-100 pF
15-68 pF
15-68 pF
HS
8.0 MHz
16.0 MHz
10-68 pF
10-22 pF
10-68 pF
10-22 pF
These values are for design guidance only.
See notes following Table 2-2.
Resonators Used:
455 kHz
Panasonic EFO-A455K04B
±0.3%
2.0 MHz
Murata Erie CSA2.00MG
±0.5%
4.0 MHz
Murata Erie CSA4.00MG
±0.5%
8.0 MHz
Murata Erie CSA8.00MT
±0.5%
16.0 MHz
Murata Erie CSA16.00MX
±0.5%
All resonators used did not have built-in capacitors.
Note 1: See Table 2-1 and Table 2-2 for recommended
values of C1 and C2.
2: A series resistor (RS) may be required for AT
strip cut crystals.
3: RF varies with the crystal chosen.
C1(1)
C2(1)
XTAL
OSC2
OSC1
RF
(3)
Sleep
To
Logic
PIC18FXX8
RS(2)
Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com