Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-E/PSQTP Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 55Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 56Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 57Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 58Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 59Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 60Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 61Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 62Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 57
PIC18FXX8
4.13
Status Register
The Status register, shown in Register 4-2, contains the
arithmetic status of the ALU. The Status register can be
the destination for any instruction, as with any other
register. If the Status register is the destination for an
instruction that affects the Z, DC, C, OV or N bits, then
the write to these five bits is disabled. These bits are set
or cleared according to the device logic. Therefore, the
result of an instruction with the Status register as
destination may be different than intended.
For example, CLRF STATUS will clear the upper three
bits and set the Z bit. This leaves the Status register as
000u u1uu
(where u = unchanged).
It is recommended, therefore, that only BCF, BSF,
SWAPF,
MOVFF
and MOVWF instructions are used to
alter the Status register, because these instructions do
not affect the Z, C, DC, OV or N bits from the Status
register. For other instructions which do not affect the
status bits, see Table 25-2.
REGISTER 4-2:
STATUS REGISTER
Note:
The C and DC bits operate as a Borrow
and Digit
Borrow bit respectively, in
subtraction.
U-0
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
—
—
—N
OV
Z
DC
C
bit 7
bit 0
bit 7-5
Unimplemented: Read as ‘0’
bit 4
N: Negative bit
This bit is used for signed arithmetic (2’s complement). It indicates whether the result of the ALU
operation was negative (ALU MSb = 1).
1
= Result was negative
0
= Result was positive
bit 3
OV: Overflow bit
This bit is used for signed arithmetic (2’s complement). It indicates an overflow of the 7-bit
magnitude which causes the sign bit (bit 7) to change state.
1
= Overflow occurred for signed arithmetic (in this arithmetic operation)
0
= No overflow occurred
bit 2
Z: Zero bit
1
= The result of an arithmetic or logic operation is zero
0
= The result of an arithmetic or logic operation is not zero
bit 1
DC: Digit Carry/Borrow bit
For ADDWF, ADDLW, SUBLW and SUBWF instructions:
1
= A carry-out from the 4th low-order bit of the result occurred
0
= No carry-out from the 4th low-order bit of the result
Note:
For Borrow, the polarity is reversed. A subtraction is executed by adding the 2’s
complement of the second operand. For rotate (RRCF, RRNCF, RLCF and RLNCF)
instructions, this bit is loaded with either bit 4 or bit 3 of the source register.
bit 0
C: Carry/Borrow bit
For ADDWF, ADDLW, SUBLW and SUBWF instructions:
1
= A carry-out from the Most Significant bit of the result occurred
0
= No carry-out from the Most Significant bit of the result occurred
Note:
For Borrow, the polarity is reversed. A subtraction is executed by adding the 2’s
complement of the second operand. For rotate (RRF, RLF) instructions, this bit is
loaded with either the high or low-order bit of the source register.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com