Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-E/PSQTP Datasheet(PDF) 104 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 100Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 101Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 102Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 103Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 104Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 105Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 106Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 107Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 402 page
background image
PIC18FXX8
DS41159E-page 102
© 2006 Microchip Technology Inc.
9.4
PORTD, TRISD and LATD
Registers
PORTD is an 8-bit wide, bidirectional port. The corre-
sponding Data Direction register for the port is TRISD.
Setting a TRISD bit (= 1) will make the corresponding
PORTD pin an input (i.e., put the corresponding output
driver in a high-impedance mode). Clearing a TRISD
bit (= 0) will make the corresponding PORTD pin an
output (i.e., put the contents of the output latch on the
selected pin).
Read-modify-write operations on the LATD register
read and write the latched output value for PORTD.
PORTD uses Schmitt Trigger input buffers. Each pin is
individually configurable as an input or output.
PORTD can be configured as an 8-bit wide, micro-
processor port (Parallel Slave Port or PSP) by setting
the control bit PSPMODE (TRISE<4>). In this mode,
the input buffers are TTL. See Section 10.0 “Parallel
Slave Port” for additional information.
PORTD is also multiplexed with the analog comparator
module and the ECCP module.
EXAMPLE 9-4:
INITIALIZING PORTD
FIGURE 9-9:
PORTD BLOCK DIAGRAM IN I/O PORT MODE
Note:
This
port
is
only
available
on
the
PIC18F448 and PIC18F458.
CLRF
PORTD
; Initialize PORTD by
; clearing output
; data latches
CLRF
LATD
; Alternate method
; to clear output
; data latches
MOVLW
07h
; comparator off
MOVWF
CMCON
MOVLW
0CFh
; Value used to
; initialize data
; direction
MOVWF
TRISD
; Set RD3:RD0 as inputs
; RD5:RD4 as outputs
; RD7:RD6 as inputs
PORT/PSP Select
Data Bus
WR LATD
WR TRISD
Data Latch
TRIS Latch
RD TRISD
Q
D
Q
CK
QD
EN
Q
D
Q
CK
P
N
VDD
Vss
RD PORTD
RD0/PSP0/
or
PORTD
RD LATD
Schmitt
Trigger
Note
1: I/O pins have diode protection to VDD and VSS.
PSP Data Out
PSP Write
PSP Read
C1IN+
C1IN+ pin(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com