Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4841-2KGD Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4841-2KGD
Description  Low Noise and Distortion, Rail-to-Rail Output Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4841-2KGD Datasheet(HTML) 7 Page - Analog Devices

  ADA4841-2KGD Datasheet HTML 1Page - Analog Devices ADA4841-2KGD Datasheet HTML 2Page - Analog Devices ADA4841-2KGD Datasheet HTML 3Page - Analog Devices ADA4841-2KGD Datasheet HTML 4Page - Analog Devices ADA4841-2KGD Datasheet HTML 5Page - Analog Devices ADA4841-2KGD Datasheet HTML 6Page - Analog Devices ADA4841-2KGD Datasheet HTML 7Page - Analog Devices ADA4841-2KGD Datasheet HTML 8Page - Analog Devices ADA4841-2KGD Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Known Good Die
ADA4841-2KGD
Rev. A | Page 7 of 9
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADA4841-2KGD
TOP VIEW
(Not to Scale)
2
3
5
6
1A
1B
OUT1
–IN1
+IN1
–IN2
+IN2
+VS
–VS
OUT2
4A
4B
8A
8B
7
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
X-Axis
Y-Axis
Description
1A, 1B
OUT1
−463, −393
+363
Output 1, Double Bond Pad
2
−IN1
−597
+334
Inverting Input 1
3
+IN1
−597
−250
Noninverting Input 1
4A, 4B
−VS
−36, +35
−363
Negative Supply, Double Bond Pad
5
+IN2
+603
−363
Noninverting Input 2
6
−IN2
+603
−245
Inverting Input 2
7
OUT2
+568
+363
Output 2
8A, 8B
+VS
−36, +35
+363
Positive Supply, Double Bond Pad



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com