Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4841-2KGD Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4841-2KGD
Description  Low Noise and Distortion, Rail-to-Rail Output Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4841-2KGD Datasheet(HTML) 8 Page - Analog Devices

  ADA4841-2KGD Datasheet HTML 1Page - Analog Devices ADA4841-2KGD Datasheet HTML 2Page - Analog Devices ADA4841-2KGD Datasheet HTML 3Page - Analog Devices ADA4841-2KGD Datasheet HTML 4Page - Analog Devices ADA4841-2KGD Datasheet HTML 5Page - Analog Devices ADA4841-2KGD Datasheet HTML 6Page - Analog Devices ADA4841-2KGD Datasheet HTML 7Page - Analog Devices ADA4841-2KGD Datasheet HTML 8Page - Analog Devices ADA4841-2KGD Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ADA4841-2KGD
Known Good Die
Rev. A | Page 8 of 9
OUTLINE DIMENSIONS
1.525
0.940
TOP VIEW
(CIRCUIT SIDE)
2
3
5
6
1A
1B
4A
4B
8A
8B
7
0.070 × 0.070
0.070 × 0.140
0.305
SIDE VIEW
Figure 4. 8-Pad Bare Die [CHIP]
(C-8-4)
Dimensions shown in millimeters
1.525
0.940
TOP VIEW
(CIRCUIT SIDE)
2
3
5
6
1A
1B
4A
4B
8A
8B
7
0.070 × 0.070
0.070 × 0.140
0.254
SIDE VIEW
Figure 5. 8-Pad Bare Die [CHIP]
(C-8-10)
Dimensions shown in millimeters
DIE SPECIFICATIONS AND ASSEMBLY RECOMMENDATIONS
Table 6. Die Specifications
Parameter
Value
Unit
Scribe Line Width
75
μm
Die Size (Maximum Size)
1525 × 940
μm
Thickness
ADA4841-2KGD-WP
305
μm
ADA4841-2KGD-PT
254
μm
Bond Pads (Minimum Size)
70 × 70
μm
Bond Pad Composition
0.5% AlCu
%
Backside
Silicon on insulator (SOI)
Not applicable
Passivation
Doped-oxide/SiN
Not applicable
ESD, Human Body Model (HBM)
2000
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com