Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4841-2KGD Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4841-2KGD
Description  Low Noise and Distortion, Rail-to-Rail Output Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4841-2KGD Datasheet(HTML) 2 Page - Analog Devices

  ADA4841-2KGD Datasheet HTML 1Page - Analog Devices ADA4841-2KGD Datasheet HTML 2Page - Analog Devices ADA4841-2KGD Datasheet HTML 3Page - Analog Devices ADA4841-2KGD Datasheet HTML 4Page - Analog Devices ADA4841-2KGD Datasheet HTML 5Page - Analog Devices ADA4841-2KGD Datasheet HTML 6Page - Analog Devices ADA4841-2KGD Datasheet HTML 7Page - Analog Devices ADA4841-2KGD Datasheet HTML 8Page - Analog Devices ADA4841-2KGD Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ADA4841-2KGD
Known Good Die
Rev. A | Page 2 of 9
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
±5 V Supply ................................................................................... 3
 
5 V Supply...................................................................................... 4
 
3 V Supply...................................................................................... 5
 
Absolute Maximum Ratings ............................................................6
 
ESD Caution...................................................................................6
 
Pin Configuration and Function Descriptions..............................7
 
Outline Dimensions ..........................................................................8
 
Die Specifications and Assembly Recommendations ..............8
 
Ordering Guide..................................................................................9
 
REVISION HISTORY
5/2017—Rev. 0 to Rev. A
Added CP-8-10 .............................................................. Throughout
Updated Outline Dimensions ......................................................... 8
Changes to Ordering Guide ............................................................ 9
9/2015—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com