Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4841-2KGD Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4841-2KGD
Description  Low Noise and Distortion, Rail-to-Rail Output Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4841-2KGD Datasheet(HTML) 1 Page - Analog Devices

  ADA4841-2KGD Datasheet HTML 1Page - Analog Devices ADA4841-2KGD Datasheet HTML 2Page - Analog Devices ADA4841-2KGD Datasheet HTML 3Page - Analog Devices ADA4841-2KGD Datasheet HTML 4Page - Analog Devices ADA4841-2KGD Datasheet HTML 5Page - Analog Devices ADA4841-2KGD Datasheet HTML 6Page - Analog Devices ADA4841-2KGD Datasheet HTML 7Page - Analog Devices ADA4841-2KGD Datasheet HTML 8Page - Analog Devices ADA4841-2KGD Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Low Noise and Distortion,
Rail-to-Rail Output Amplifier
Known Good Die
ADA4841-2KGD
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low power: 1.1 mA/amplifier
Low wideband noise
2.1 nV/√Hz input voltage noise
1.4 pA/√Hz input current noise
Low 1/f noise
7 nV/√Hz at 10 Hz
13 pA/√Hz at 10 Hz
Low distortion: −105 dBc at 100 kHz, VO = 2 V p-p
High speed
80 MHz, −3 dB bandwidth (G = +1)
12 V/μs slew rate
175 ns settling time to 0.1%
Low offset voltage: 0.3 mV maximum
Rail-to-rail output
Wide supply range: 2.7 V to 12 V
Known good die (KGD): these die are fully guaranteed to
data sheet specifications
APPLICATIONS
Low power, low noise signal processing
Battery-powered instrumentation
16-bit PulSAR® ADC drivers
FUNCTIONAL BLOCK DIAGRAM
OUT1
–IN1
+IN1
–VS
+VS
OUT2
–IN2
+IN2
ADA4841-2KGD
Figure 1.
GENERAL DESCRIPTION
The ADA4841-2KGD is a unity-gain stable, low noise and
distortion, rail-to-rail output amplifier that has a quiescent current
of 1.5 mA maximum. Its low power consumption notwithstanding,
this amplifier offers low wideband voltage noise performance of
2.1 nV/Hz and 1.4 pA/Hz current noise, along with excellent
spurious-free dynamic range (SFDR) of −105 dBc at 100 kHz.
To maintain a low noise environment at lower frequencies, the
amplifier has low 1/f noise of 7 nV/Hz and 13 pA/Hz at 10 Hz.
The ADA4841-2KGD output can swing to less than 50 mV of
either rail. The input common-mode voltage range extends
down to the negative supply. The ADA4841-2KGD can drive up
to 10 pF of capacitive load with minimal peaking.
The ADA4841-2KGD provides the performance required to
efficiently support emerging 16-bit to 18-bit analog-to-digital
converters (ADCs) and is ideal for portable instrumentation,
high channel count, industrial measurement, and medical
applications. The ADA4841-2KGD is ideally suited to drive the
AD7685/AD7686, 16-bit PulSAR ADCs.
Additional application and technical information can be found
in the ADA4841-2 data sheet.
–30
–120
0.01
1
FREQUENCY (MHz)
0.1
2V p-p THIRD
–40
–50
–60
–70
–80
–90
–100
–110
VS = ±5V
G = +1
2V p-p SECOND
Figure 2. Harmonic Distortion vs. Frequency


Similar Part No. - ADA4841-2KGD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4841-2 AD-ADA4841-2 Datasheet
631Kb / 21P
Low Power, Low Noise and Distortion ail-to-Rail Output Amplifiers
Rev. E
ADA4841-2 AD-ADA4841-2 Datasheet
490Kb / 24P
Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
REV. 0
ADA4841-2YCPZ-R2 AD-ADA4841-2YCPZ-R2 Datasheet
631Kb / 21P
Low Power, Low Noise and Distortion ail-to-Rail Output Amplifiers
Rev. E
ADA4841-2YCPZ-R2 AD-ADA4841-2YCPZ-R2 Datasheet
701Kb / 21P
Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
Rev. E
ADA4841-2YCPZ-R2 AD-ADA4841-2YCPZ-R2 Datasheet
667Kb / 20P
Low Power, Low Noise and Distortion Rail-to-Rail Output Amplifiers
Rev. G
More results

Similar Description - ADA4841-2KGD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4841-1 AD-ADA4841-1 Datasheet
588Kb / 20P
Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifier
3/06-Rev. B to Rev. C
logo
STMicroelectronics
TS971 STMICROELECTRONICS-TS971_07 Datasheet
473Kb / 17P
Output rail-to-rail very low noise operational amplifier
20-Dec-2007
logo
Analog Devices
ADA4841-2YCPZ-R7 AD-ADA4841-2YCPZ-R7 Datasheet
631Kb / 21P
Low Power, Low Noise and Distortion ail-to-Rail Output Amplifiers
Rev. E
ADA4841-2YRMZ AD-ADA4841-2YRMZ Datasheet
701Kb / 21P
Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
Rev. E
ADA4841-1 AD-ADA4841-1_15 Datasheet
508Kb / 20P
Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
Rev. F
ADA4841-2 AD-ADA4841-2_15 Datasheet
508Kb / 20P
Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
Rev. F
logo
Linear Technology
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Analog Devices
ADA4841-1 AD-ADA4841-1_17 Datasheet
667Kb / 20P
Low Power, Low Noise and Distortion Rail-to-Rail Output Amplifiers
Rev. G
logo
Nisshinbo Micro Devices...
NJM8830 NISSHINBO-NJM8830 Datasheet
921Kb / 19P
Ultralow Distortion, Ultralow Noise, Rail-to-Rail Output Dual Audio Operational Amplifier
May 20, 2022 Ver.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com