Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC36 Datasheet(PDF) 3 Page - ECM Electronics Limited.

Part # EC36
Description  Epoxy Coated Axial Chokes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

EC36 Datasheet(HTML) 3 Page - ECM Electronics Limited.

  EC36 Datasheet HTML 1Page - ECM Electronics Limited. EC36 Datasheet HTML 2Page - ECM Electronics Limited. EC36 Datasheet HTML 3Page - ECM Electronics Limited. EC36 Datasheet HTML 4Page - ECM Electronics Limited. EC36 Datasheet HTML 5Page - ECM Electronics Limited. EC36 Datasheet HTML 6Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ECM Epoxy Coated Axial Chokes
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(
µµH)
Tol
%
Q Min.
(**MHz)
SRF
Min.
(MHz)
RDC
MAX
(
Ω
Ω)
IDC
IN
(mA)
EC24 Series
EC24T-R10
0.10 @25.2 MHz
K,M
40
470
0.08
700
EC24T-R12
0.12 @25.2 MHz
K,M
40
450
0.08
700
EC24T-R15
0.15 @25.2 MHz
K,M
40
430
0.09
700
EC24T-R18
0.18 @25.2 MHz
K,M
40
410
0.10
700
EC24T-R22
0.22 @25.2 MHz
K,M
40
380
0.12
700
EC24T-R27
0.27 @25.2 MHz
K,M
40
360
0.15
680
EC24T-R33
0.33 @25.2 MHz
K,M
40
350
0.16
680
EC24T-R39
0.39 @25.2 MHz
K,M
40
320
0.18
680
EC24T-R47
0.47 @25.2 MHz
K,M
40
300
0.26
650
EC24T-R56
0.56 @25.2 MHz
K,M
40
280
0.38
500
EC24T-R68
0.68 @25.2 MHz
K,M
40
250
0.42
500
EC24T-R82
0.82 @25.2 MHz
K,M
40
200
0.55
450
EC24T-1R0
1.0 @25.2 MHz
J,K
40
180
0.12
700
EC24T-1R2
1.2 @7.96 MHz
J,K
40
165
0.18
700
EC24T-1R5
1.5 @7.96 MHz
J,K
45
150
0.20
700
EC24T-1R8
1.8 @7.96 MHz
J,K
50
125
0.23
655
EC24T-2R2
2.2 @7.96 MHz
J,K
50
85
0.25
630
EC24T-2R7
2.7 @7.96 MHz
J,K
50
80
0.28
595
EC24T-3R3
3.3 @7.96 MHz
J,K
50
75
0.30
575
EC24T-3R9
3.9 @7.96 MHz
J,K
45
65
0.32
555
EC24T-4R7
4.7 @7.96 MHz
J,K
45
45
0.35
530
EC24T-5R6
5.6 @7.96 MHz
J,K
45
36
0.40
500
EC24T-6R8
6.8 @7.96 MHz
J,K
40
30
0.45
470
EC24T-8R2
8.2 @7.96 MHz
J,K
40
28
0.55
425
EC24T-100
10 @7.96 MHz
J,K
40
22
0.72
370
EC24T-120
12 @2.52 MHz
J,K
45
20
0.80
350
EC24T-150
15 @2.52 MHz
J,K
50
16
0.88
335
EC24T-180
18 @2.52 MHz
J,K
50
15
1.00
315
EC24T-220
22 @2.52 MHz
J,K
50
13
1.20
285
EC24T-270
27 @2.52 MHz
J,K
50
11
1.35
270
EC24T-330
33 @2.52 MHz
J,K
50
10
1.50
255
EC24T-390
39 @2.52 MHz
J,K
50
9.5
1.70
240
EC24T-470
47 @2.52 MHz
J,K
60
8.5
2.30
205
EC24T-560
56 @2.52 MHz
J,K
60
7.5
2.60
195
EC24T-680
68 @2.52 MHz
J,K
60
6.5
3.20
185
EC24T-820
82 @2.52 MHz
J,K
60
6.0
3.50
175
EC24T-101
100 @2.52 MHz
J,K
60
5.5
3.80
165
EC24T-121
120 @ 0.796 MHz
J,K
60
5.4
3.80
160
EC24T-151
150 @ 0.796 MHz
J,K
60
4.75
4.40
150
EC24T-181
180 @ 0.796 MHz
J,K
60
4.35
5.00
140
EC24T-221
220 @ 0.796 MHz
J,K
60
4.0
5.70
130
TOLERANCES J=5%; K= 10%; M=20%.
** = Test Frequency as specified in ‘L’ column



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com