Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC36 Datasheet(PDF) 4 Page - ECM Electronics Limited.

Part # EC36
Description  Epoxy Coated Axial Chokes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

EC36 Datasheet(HTML) 4 Page - ECM Electronics Limited.

  EC36 Datasheet HTML 1Page - ECM Electronics Limited. EC36 Datasheet HTML 2Page - ECM Electronics Limited. EC36 Datasheet HTML 3Page - ECM Electronics Limited. EC36 Datasheet HTML 4Page - ECM Electronics Limited. EC36 Datasheet HTML 5Page - ECM Electronics Limited. EC36 Datasheet HTML 6Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ECM Epoxy Coated Axial Chokes
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(
µµH)
Tol
%
Q Min.
(**MHz)
SRF
Min.
(MHz)
RDC
MAX
(
Ω
Ω)
IDC
IN
(mA)
EC24 Series continued…
EC24T-271
270 @ 0.796 MHz
J,K
60
3.7
6.50
120
EC24T-331
330 @ 0.796 MHz
J,K
60
3.4
9.50
100
EC24T-391
390 @ 0.796 MHz
J,K
60
2.8
10.50
95
EC24T-471
470 @ 0.796 MHz
J,K
60
2.4
12.50
90
EC24T-561
560 @ 0.796 MHz
J,K
60
2.2
14.50
85
EC24T-681
680 @ 0.796 MHz
J,K
60
2.0
18.00
75
EC24T-821
820 @ 0.796 MHz
J,K
60
1.6
23.70
65
EC24T-102
1000 @ 0.796 MHz
J,K
60
1.15
30.00
60
EC36 Series
EC36T-R10
0.10 @25.2 MHz
J,K
50
470
0.04
900
EC36T-R12
0.12 @25.2 MHz
J,K
50
450
0.06
900
EC36T-R15
0.15 @25.2 MHz
J,K
50
430
0.07
700
EC36T-R18
0.18 @25.2 MHz
J,K
50
410
0.07
700
EC36T-R22
0.22 @25.2 MHz
J,K
50
380
0.08
700
EC36T-R27
0.27 @25.2 MHz
J,K
50
340
0.09
680
EC36T-R33
0.33 @25.2 MHz
J,K
50
300
0.10
680
EC36T-R39
0.39 @25.2 MHz
J,K
50
280
0.12
680
EC36T-R47
0.47 @25.2 MHz
J,K
50
250
0.16
650
EC36T-R56
0.56 @25.2 MHz
J,K
50
230
0.18
600
EC36T-R68
0.68 @25.2 MHz
J,K
50
210
0.22
550
EC36T-R82
0.82 @25.2 MHz
J,K
50
172
0.24
980
EC36T-1R0
1.0 @25.2 MHz
J,K
50
157
0.09
920
EC36T-1R2
1.2 @7.96 MHz
J,K
50
144
0.10
880
EC36T-1R5
1.5 @7.96 MHz
J,K
50
131
0.23
830
EC36T-1R8
1.8 @7.96 MHz
J,K
55
121
0.25
790
EC36T-2R2
2.2 @7.96 MHz
J,K
55
110
0.28
750
EC36T-2R7
2.7 @7.96 MHz
J,K
60
100
0.30
720
EC36T-3R3
3.3 @7.96 MHz
J,K
65
94
0.34
670
EC36T-3R9
3.9 @7.96 MHz
J,K
65
86
0.37
640
EC36T-4R7
4.7 @7.96 MHz
J,K
70
80
0.39
620
EC36T-5R6
5.6 @7.96 MHz
J,K
70
74
0.43
590
EC36T-6R8
6.8 @7.96 MHz
J,K
75
58
0.48
550
EC36T-8R2
8.2 @7.96 MHz
J,K
80
53
0.52
530
EC36T-100
10 @7.96 MHz
J,K
85
45
0.58
500
EC36T-120
12 @2.52 MHz
J,K
75
30
0.63
480
EC36T-150
15 @2.52 MHz
J,K
70
20
0.72
460
EC36T-180
18 @2.52 MHz
J,K
65
14
0.77
430
EC36T-220
22 @2.52 MHz
J,K
40
9.9
0.84
410
EC36T-270
27 @2.52 MHz
J,K
55
7.6
0.94
390
TOLERANCES J=5%; K= 10%; M=20%.
** = Test Frequency as specified in ‘L’ column



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com