Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC36 Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # EC36
Description  Epoxy Coated Axial Chokes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

EC36 Datasheet(HTML) 1 Page - ECM Electronics Limited.

  EC36 Datasheet HTML 1Page - ECM Electronics Limited. EC36 Datasheet HTML 2Page - ECM Electronics Limited. EC36 Datasheet HTML 3Page - ECM Electronics Limited. EC36 Datasheet HTML 4Page - ECM Electronics Limited. EC36 Datasheet HTML 5Page - ECM Electronics Limited. EC36 Datasheet HTML 6Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ECM Epoxy Coated Axial Chokes
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
§ 4 Component Sizes
§ Pre-forming options
§ Excellent Humidity Resistance
§ Low Cost
§ Typical Reel Size 5000pcs
EC22/24/36/46 Series
COMPONENT OUTLINE
DIMENSIONS (mm)
TYPE
a
b
c
d
∅
e
∅
EC22
2.0
28
1.5
2.8
0.50
EC24
4.0
28
2.0
3.0
0.50
EC36
6.0
28
2.0
4.0
0.65
EC46
6.0
28
2.0
5.0
0.65
This range of axial chokes from ECM offer a common and highly cost effective answer to the majority of
coiled inductor requirments. Available in four sizes EC22, EC24, EC36 and EC46 , they are specially
designed to offer high ‘Q’ and perfect humidity resistance, these reliable and highly durable components
are suitable for a wide range of comsumer electronic applications.
MARKING BANDS = first significant figure, second significant figure, multiplier, tolerance (%)
Black
Brown
Red
Orange Yellow Green
Blue
Violet
Grey
White
Silver
Gold
Significant
0
1
2
3
4
5
6
7
8
9
-
-
Multiplier
1
10
100
1000
10000
-
-
-
-
-
-
-
Tolerance
+/- 20%
-
-
-
-
-
-
-
-
-
+/-10% +/- 5%


Similar Part No. - EC36

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
OSCILLATOR
logo
Productwell Precision E...
EC36-100K PRODUCTWELL-EC36-100K Datasheet
103Kb / 5P
CONFORMAL COATED INDUCTORS
EC36-101K PRODUCTWELL-EC36-101K Datasheet
103Kb / 5P
CONFORMAL COATED INDUCTORS
EC36-120K PRODUCTWELL-EC36-120K Datasheet
103Kb / 5P
CONFORMAL COATED INDUCTORS
EC36-121K PRODUCTWELL-EC36-121K Datasheet
103Kb / 5P
CONFORMAL COATED INDUCTORS
More results

Similar Description - EC36

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1201 FRONTIER-1201 Datasheet
144Kb / 2P
RF Coated Chokes (Axial Leads)
1202 FRONTIER-1202 Datasheet
125Kb / 2P
RF Coated Chokes (Axial Leads)
1205 FRONTIER-1205 Datasheet
124Kb / 2P
RF Coated Chokes (Axial Leads)
1206 FRONTIER-1206 Datasheet
124Kb / 2P
RF Coated Chokes (Axial Leads)
1210 FRONTIER-1210 Datasheet
133Kb / 2P
RF Coated Chokes (Axial Leads)
1211 FRONTIER-1211 Datasheet
130Kb / 2P
RF Coated Chokes (Axial Leads)
1205 FRONTIER-1205_15 Datasheet
126Kb / 2P
RF COATED CHOKES (AXIAL LEADS)
1206 FRONTIER-1206_15 Datasheet
126Kb / 2P
RF COATED CHOKES (AXIAL LEADS)
logo
Vishay Siliconix
IRF-24 VISHAY-IRF-24_17 Datasheet
71Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
04-Mar-14
IRF-46 VISHAY-IRF-46_V01 Datasheet
53Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
16-Mar-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com