Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC36 Datasheet(PDF) 5 Page - ECM Electronics Limited.

Part # EC36
Description  Epoxy Coated Axial Chokes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

EC36 Datasheet(HTML) 5 Page - ECM Electronics Limited.

  EC36 Datasheet HTML 1Page - ECM Electronics Limited. EC36 Datasheet HTML 2Page - ECM Electronics Limited. EC36 Datasheet HTML 3Page - ECM Electronics Limited. EC36 Datasheet HTML 4Page - ECM Electronics Limited. EC36 Datasheet HTML 5Page - ECM Electronics Limited. EC36 Datasheet HTML 6Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ECM Epoxy Coated Axial Chokes
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(
µµH)
Tol
%
Q Min.
(**MHz)
SRF
Min.
(MHz)
RDC
MAX
(
Ω
Ω)
IDC
IN
(mA)
EC36 Series continued…
EC36T-330
33 @2.52 MHz
J,K
55
6.3
1.03
370
EC36T-390
39 @2.52 MHz
J,K
50
6.3
1.12
350
EC36T-470
47 @2.52 MHz
J,K
45
6.3
1.22
340
EC36T-560
56 @2.52 MHz
J,K
40
6.2
1.34
320
EC36T-680
68 @2.52 MHz
J,K
40
5.7
1.47
305
EC36T-820
82 @2.52 MHz
J,K
35
5.3
1.62
290
EC36T-101
100 @2.52 MHz
J,K
30
4.8
1.80
275
EC36T-121
120 @ 0.796 MHz
J,K
70
3.8
3.70
185
EC36T-151
150 @ 0.796 MHz
J,K
70
3.5
4.20
175
EC36T-181
180 @ 0.796 MHz
J,K
70
3.3
4.60
165
EC36T-221
220 @ 0.796 MHz
J,K
70
3.0
5.10
155
EC36T-271
270 @ 0.796 MHz
J,K
65
2.8
5.80
145
EC36T-331
330 @ 0.796 MHz
J,K
65
2.6
6.40
137
EC36T-391
390 @ 0.796 MHz
J,K
65
2.4
7.00
133
EC36T-471
470 @ 0.796 MHz
J,K
60
2.25
7.70
126
EC36T-561
560 @ 0.796 MHz
J,K
60
2.1
8.50
120
EC36T-681
680 @ 0.796 MHz
J,K
55
1.95
9.40
113
EC36T-821
820 @ 0.796 MHz
J,K
55
1.85
12.00
100
EC36T-102
1000 @ 0.796 MHz
J,K
50
1.4
17.40
100
EC46 Series
EC46T-102
1.0 @ 252 MHz
J,K
90
-
8
233
EC46T-122
1.2 @ 252 MHz
J,K
90
-
9
215
EC46T-152
1.5 @ 252 MHz
J,K
90
-
10
200
EC46T-182
1.8 @ 252 MHz
J,K
90
-
11
188
EC46T-222
2.2 @ 252 MHz
J,K
90
-
14
176
EC46T-272
2.7 @ 252 MHz
J,K
90
-
18
170
EC46T-332
3.3 @ 252 MHz
J,K
90
-
22
162
EC46T-392
3.9 @ 252 MHz
J,K
90
-
26
156
EC46T-472
4.7 @ 252 MHz
J,K
90
-
30
147
EC46T-562
5.6 @ 252 MHz
J,K
70
-
34
140
EC46T-682
6.8 @ 252 MHz
J,K
70
-
45
140
EC46T-822
8.2 @ 252 MHz
J,K
50
-
60
137
EC46T-103
10 @ 252 MHz
J,K
50
-
70
130
EC46T-123
12 @ 79.6 MHz
J,K
50
-
82
117
EC46T-153
15 @ 79.6 MHz
J,K
50
-
89
108
EC46T-183
18 @ 79.6 MHz
J,K
40
-
140
100
EC46T-223
22 @ 79.6 MHz
J,K
40
-
170
93
EC46T-253
25 @ 79.6 MHz
J,K
40
-
185
88
EC46T-273
27 @ 79.6 MHz
J,K
40
-
210
82
TOLERANCES J=5%; K= 10%; M=20%.
** = Test Frequency as specified in ‘L’ column



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com