Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8057ARTZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8057ARTZ-R2
Description  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8057ARTZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8057ARTZ-R2 Datasheet HTML 1Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 2Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 3Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 4Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 5Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
AD8057/AD8058
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage (+VS to –VS)
12.6 V
Internal Power Dissipation1
SOIC Package (R)
0.8 W
SOT-23-5 Package (RT)
0.5 W
MSOP Package (RM)
0.6 W
Input Voltage (Common Mode)
±VS
Differential Input Voltage
±4.0 V
Output Short-Circuit Duration
Observe power
derating curves
Storage Temperature Range (R)
−65°C to +125°C
Operating Temperature Range (A Grade)
−40°C to +85°C
Lead Temperature (Soldering 10sec)
300°C
1
Specification is for device in free air:
8-lead SOIC package: θJA = 160°C/W
5-lead SOT-23-5 package: θJA = 240°C/W
8-Lead MSOP package: θJA = 200°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8057/AD8058 is limited by the associated rise in junction
temperature. Exceeding a junction temperature of 175°C for
an extended period can result in device failure. Although the
AD8057/AD8058 is internally short-circuit protected, this may
not be sufficient to guarantee that the maximum junction temper-
ature (150°C) is not exceeded under all conditions. To ensure
proper operation, it is necessary to observe the maximum power
derating curves.
AMBIENT TEMPERATURE (°C)
2.0
1.5
0
–50 –40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
1.0
0.5
TJ = 150°C
8-LEAD SOIC
8-LEAD MSOP
SOT-23-5
Figure 5. Maximum Power Dissipation vs. Ambient Temperature
ESD CAUTION
Rev. E | Page 5 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com