Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8057ARTZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8057ARTZ-R2
Description  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8057ARTZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8057ARTZ-R2 Datasheet HTML 1Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 2Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 3Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 4Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 5Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Cost, High Performance
Voltage Feedback, 325 MHz Amplifier
Data Sheet
AD8057/AD8058
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low cost single (AD8057) and dual (AD8058)
High speed
325 MHz, −3 dB bandwidth (G = +1)
1000 V/μs slew rate
Gain flatness: 0.1 dB to 28 MHz
Low noise
7 nV/√Hz
Low power
5.4 mA/amplifier typical supply current at 5 V
Low distortion
−85 dBc at 5 MHz, RL = 1 kΩ
Wide supply range from 3 V to 12 V
Small packaging
AD8057 is available in an 8-lead SOIC and 5-lead SOT-23
AD8058 is available in an 8-lead SOIC and an 8-lead MSOP
APPLICATIONS
Imaging
DVD/CD
Photodiode preamp
Analog-to-digital driver
Professional cameras filters
CONNECTION DIAGRAMS
+IN
+VS
–VS
AD8057
1
2
3
5
4
–IN
VOUT
(Not to Scale)
Figure 1. RT-5 (SOT-23)
8
7
6
5
1
2
3
4
NC
–IN
+IN
NC
+VS
VOUT
NC
–VS
AD8057
(Not to Scale)
NC = NO CONNECT
Figure 2. R-8 (SOIC)
OUT1
–IN1
+IN1
–VS
+VS
OUT2
–IN2
+IN2
1
2
3
4
8
7
6
5
(Not to Scale)
AD8058
Figure 3. RM-8 (MSOP) and R-8 (SOIC)
GENERAL DESCRIPTION
The AD8057 (single) and AD8058 (dual) are very high perfor-
mance amplifiers with a very low cost. The balance between
cost and performance make them ideal for many applications.
The AD8057 and AD8058 reduce the need to qualify a variety
of specialty amplifiers. The AD8057 and AD8058 are voltage
feedback amplifiers with the bandwidth and slew rate normally
found in current feedback amplifiers. The AD8057 and AD8058
are low power amplifiers having low quiescent current and a wide
supply range from 3 V to 12 V. They have noise and distortion
performance required for high end video systems as well as dc
performance parameters rarely found in high speed amplifiers.
The AD8057 and AD8058 are available in standard SOIC
packaging as well as tiny 5-lead SOT-23 (AD8057) and 8-lead
MSOP (AD8058) packages. These amplifiers are available in the
industrial temperature range of −40°C to +85°C.
FREQUENCY (MHz)
11000
10
100
5
4
–5
3
2
1
0
–1
–2
–3
–4
G = +2
G = +10
G = +5
G = +1
Figure 4. Small Signal Frequency Response


Similar Part No. - AD8057ARTZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8057ARTZ-R2 AD-AD8057ARTZ-R2 Datasheet
485Kb / 17P
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
REV. D
More results

Similar Description - AD8057ARTZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8055 AD-AD8055 Datasheet
207Kb / 11P
Low Cost, 300 MHz Voltage Feedback Amplifiers
REV.B
AD8057 AD-AD8057 Datasheet
184Kb / 14P
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV.A
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8058ARZ AD-AD8058ARZ Datasheet
485Kb / 17P
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
REV. D
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8057 AD-AD8057_15 Datasheet
352Kb / 16P
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E
AD8058 AD-AD8058_15 Datasheet
352Kb / 16P
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com