Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8057ARTZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8057ARTZ-R2
Description  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8057ARTZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8057ARTZ-R2 Datasheet HTML 2Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 3Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 4Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 5Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8057/AD8058
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD RESISTANCE (Ω)
4.5
4.0
0
100k
10k
10
100
1k
2.5
1.5
1.0
0.5
3.5
3.0
2.0
(+) OUTPUT
VOLTAGE
ABS (–)
OUTPUT
Figure 6. Output Swing vs. Load Resistance
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80 85
TEMPERATURE (°C)
–3.0
–6.5
–8.0
–3.5
–6.0
–7.0
–7.5
–4.5
–5.5
–4.0
–5.0
–ISUPPLY @ ±1.5V
–ISUPPLY @ ±5V
Figure 7. −ISUPPLY vs. Temperature
TEMPERATURE (°C)
5.0
1.5
0
4.5
2.0
1.0
0.5
3.5
2.5
4.0
3.0
+5V SWING RL = 150Ω
+2.5V SWING RL = 150Ω
+1.5V SWING RL = 150Ω
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80 85
Figure 8. Positive Output Voltage Swing vs. Temperature
TEMPERATURE (°C)
0
–3.5
–5.0
–0.5
–3.0
–4.0
–4.5
–1.5
–2.5
–1.0
–2.0
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80 85
–1.5V SWING RL = 150Ω
–2.5V SWING RL = 150Ω
–5V SWING RL = 150Ω
Figure 9. Negative Output Voltage Swing vs. Temperature
6
–2
–6
–4
2
0
4
VOS @ ±5V
VOS @ ±1.5V
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80 85
TEMPERATURE (°C)
Figure 10. VOS vs. Temperature
3.5
1.5
0
0.5
2.5
2.0
3.0
1.0
AVOL @ ±5V
AVOL @ ±2.5V
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80 85
TEMPERATURE (°C)
Figure 11. Open-Loop Gain vs. Temperature
Rev. E | Page 6 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com