Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8057ARTZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8057ARTZ-R2
Description  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8057ARTZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8057ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 10Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 11Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 12Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 13Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 14Page - Analog Devices AD8057ARTZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
AD8057/AD8058
FREQUENCY (MHz)
180
135
–90
0.01
45
0
–45
90
80
60
40
20
0
–20
0.1
1
10
100
1000
GAIN
Figure 35. Open-Loop Gain and Phase vs. Frequency
1st
2nd
3rd
4th
5th
6th
7th
8th
9th 10th 11th
DIFFERENTIAL GAIN (%)
DIFFERENTIAL PHASE (Degrees)
VS = +5V
RL = 150Ω
0.01
0
–0.01
–0.02
–0.03
–0.04
–0.05
0.14
0.12
0.10
0.06
0.02
0.08
0.04
0
–0.02
VS = +5V
RL = 150Ω
Figure 36. Differential Gain and Differential Phase, RL = 150 Ω
1st
2nd
3rd
4th
5th
6th
7th
8th
9th 10th 11th
DIFFERENTIAL GAIN (%)
DIFFERENTIAL PHASE (Degrees)
VS = +5V
RL = 1kΩ
0.01
0
–0.01
–0.02
–0.03
–0.04
–0.05
0.14
0.12
0.10
0.06
0.02
0.08
0.04
0
–0.02
VS = +5V
RL = 1kΩ
Figure 37. Differential Gain and Differential Phase, RL = 1 kΩ
FREQUENCY (Hz)
100
10
0.1
10
100
1k
10k
100k
1M
10M
100M
1
Figure 38. Voltage Noise vs. Frequency
FREQUENCY (Hz)
100
10
0.1
10
100
1k
10k
100k
1M
10M
100M
1
Figure 39. Current Noise vs. Frequency
100
10
1
0.1
1
FREQUENCY (MHz)
10
1000
100
0.1
Figure 40. Output Impedance vs. Frequency
Rev. E | Page 11 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com