Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP1177ARMZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # OP1177ARMZ-R7
Description  Precision Low Noise, Low Input Bias Current Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP1177ARMZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button OP1177ARMZ-R7 Datasheet HTML 2Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 3Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 4Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 5Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 6Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 7Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 8Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 9Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
OP1177/OP2177/OP4177
Data Sheet
Rev. I | Page 6 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT OFFSETVOLTAGE (µV)
45
40
35
30
25
20
15
10
5
–30
–20
–10
0
10
20
30
40
0
50
–40
VSY = ±15V
Figure 7. Input Offset Voltage Distribution
INPUT OFFSET VOLTAGE DRIFT (µV/°C)
80
70
60
50
40
30
20
10
0.15
0.25
0.35
0.45
0.55
0.65
0
90
0.05
VSY = ±15V
Figure 8. Input Offset Voltage Drift Distribution
INPUT BIAS CURRENT (nA)
120
100
80
60
40
20
0.10.2
0.30.40.50.60.7
0
140
0
VSY = ±15V
Figure 9. Input Bias Current Distribution
LOAD CURRENT (mA)
0.01
0.1
1
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1.8
0.001
10
SOURCE
SINK
VSY = ±15V
TA = 25°C
Figure 10. Output Voltage to Supply Rail vs. Load Current
TEMPERATURE (°C)
VSY = ±15V
2
1
0
–1
–2
0
50
100
3
–3
–50
150
Figure 11. Input Bias Current vs. Temperature
FREQUENCY (Hz)
1M
50
40
30
20
10
0
–10
60
–20
100k
10M
225
180
135
90
45
0
–45
270
–90
GAIN
PHASE
VSY = ±15V
CL = 0
RL = ∞
Figure 12. Open-Loop Gain and Phase Shift vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com