Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP1177ARMZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # OP1177ARMZ-R7
Description  Precision Low Noise, Low Input Bias Current Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP1177ARMZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button OP1177ARMZ-R7 Datasheet HTML 11Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 12Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 13Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 14Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 15Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 16Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 17Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 18Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
OP1177/OP2177/OP4177
Rev. I | Page 15 of 24
(5V/DIV)
OPA277
VSY = ±15V
RL = 2kΩ
Figure 52. Gain Linearity
INPUT OVERVOLTAGE PROTECTION
When input voltages exceed the positive or negative supply
voltage, most amplifiers require external resistors to protect
them from damage.
The OPx177 has internal protective circuitry that allows voltages as
high as 2.5 V beyond the supplies to be applied at the input of
either terminal without any harmful effects.
Use an additional resistor in series with the inputs if the voltage
exceeds the supplies by more than 2.5 V. The value of the resistor
can be determined from the formula
5 mA
500
IN
S
S
VV
R

With the OPx177 low input offset current of <1 nA maximum,
placing a 5 kΩ resistor in series with both inputs adds less than
5 μV to input offset voltage and has a negligible impact on the
overall noise performance of the circuit.
5 kΩ protects the inputs to more than 27 V beyond either supply.
Refer to the THD + Noise section for additional information on
noise vs. source resistance.
OUTPUT PHASE REVERSAL
Phase reversal is defined as a change of polarity in the amplifier
transfer function. Many operational amplifiers exhibit phase
reversal when the voltage applied to the input is greater than
the maximum common-mode voltage. In some instances, this
can cause permanent damage to the amplifier. In feedback
loops, it can result in system lockups or equipment damage.
The OPx177 is immune to phase reversal problems even at
input voltages beyond the supplies.
VSY = 10V
AV = 1
TIME (400µs/DIV)
VIN
VOUT
Figure 53. No Phase Reversal
SETTLING TIME
Settling time is defined as the time it takes an amplifier output
to reach and remain within a percentage of its final value after
application of an input pulse. It is especially important in measure-
ment and control circuits in which amplifiers buffer ADC
inputs or DAC outputs.
To minimize settling time in amplifier circuits, use proper
bypassing of power supplies and an appropriate choice of
circuit components. Resistors should be metal film types,
because they have less stray capacitance and inductance than
their wire-wound counterparts. Capacitors should be
polystyrene or polycarbonate types to minimize dielectric
absorption.
The leads from the power supply should be kept as short as
possible to minimize capacitance and inductance. The OPx177
has a settling time of about 45 μs to 0.01% (1 mV) with a 10 V
step applied to the input in a noninverting unity gain.
OVERLOAD RECOVERY TIME
Overload recovery is defined as the time it takes the output
voltage of an amplifier to recover from a saturated condition to
its linear response region. A common example is one in which
the output voltage demanded by the transfer function of the
circuit lies beyond the maximum output voltage capability of
the amplifier. A 10 V input applied to an amplifier in a closed-
loop gain of 2 demands an output voltage of 20 V. This is
beyond the output voltage range of the OPx177 when operating
at ±15 V supplies and forces the output into saturation.
Recovery time is important in many applications, particularly
where the operational amplifier must amplify small signals in
the presence of large transient voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com