Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP1177ARMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # OP1177ARMZ-R7
Description  Precision Low Noise, Low Input Bias Current Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP1177ARMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  OP1177ARMZ-R7 Datasheet HTML 1Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 2Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 3Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 4Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 5Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 6Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 7Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 8Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Precision Low Noise, Low Input
Bias Current Operational Amplifiers
Data Sheet
OP1177/OP2177/OP4177
Rev. I
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2001–2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low offset voltage: 60 μV maximum
Very low offset voltage drift: 0.7 μV/°C maximum
Low input bias current: 2 nA maximum
Low noise: 8 nV/√Hz typical
CMRR, PSRR, and AVO > 120 dB minimum
Low supply current: 400 μA per amplifier
Dual supply operation: ±2.5 V to ±15 V
Unity-gain stable
No phase reversal
Inputs internally protected beyond supply voltage
APPLICATIONS
Wireless base station control circuits
Optical network control circuits
Instrumentation
Sensors and controls
Thermocouples
Resistor thermal detectors (RTDs)
Strain bridges
Shunt current measurements
Precision filters
PIN CONFIGURATIONS
–IN
+IN
V–
V+
NC
NC
18
OP1177
NC
OUT
NC = NO CONNECT
45
1
2
3
4
8
7
6
5
–IN
V–
+IN
V+
OUT
NC
NC
NC
NC = NO CONNECT
OP1177
Figure 1. 8-Lead MSOP (RM Suffix)
Figure 2. 8-Lead SOIC_N (R Suffix)
–IN A
+IN A
V–
OUT B
+IN B
V+
18
OP2177
OUT A
–IN B
45
1
2
3
4
8
7
6
5
–IN A
V–
+IN A
OUT B
–IN B
V+
+IN B
OUT A
OP2177
Figure 3. 8-Lead MSOP (RM Suffix)
Figure 4. 8-Lead SOIC_N (R Suffix)
OUT B 78
+IN B 5
10
–IN B 69
V+ 4
11
–IN A 213
+IN A 3
12
OUT A 1
14
OUT C
+IN C
–IN C
V–
–IN D
+IN D
OUT D
OP4177
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
–IN D
+IN D
V–
OUT D
–IN C
OUT C
+IN C
14
8
1
7
OP4177
Figure 5. 14-Lead SOIC_N (R Suffix)
Figure 6. 14-Lead TSSOP (RU Suffix)
GENERAL DESCRIPTION
The OPx177 family consists of very high precision, single, dual,
and quad amplifiers featuring extremely low offset voltage and
drift, low input bias current, low noise, and low power consump-
tion. Outputs are stable with capacitive loads of over 1000 pF
with no external compensation. Supply current is less than 500 μA
per amplifier at 30 V. Internal 500 Ω series resistors protect the
inputs, allowing input signal levels several volts beyond either
supply without phase reversal.
Unlike previous high voltage amplifiers with very low offset
voltages, the OP1177 (single) and OP2177 (dual) amplifiers
are available in tiny 8-lead surface-mount MSOP and 8-lead
narrow SOIC packages. The OP4177 (quad) is available in
TSSOP and 14-lead narrow SOIC packages. Moreover, specified
performance in the MSOP and the TSSOP is identical to
performance in the SOIC package. MSOP and TSSOP are
available in tape and reel only.
The OPx177 family offers the widest specified temperature
range of any high precision amplifier in surface-mount packaging.
All versions are fully specified for operation from −40°C to
+125°C for the most demanding operating environments.
Applications for these amplifiers include precision diode
power measurement, voltage and current level setting, and
level detection in optical and wireless transmission systems.
Additional applications include line-powered and portable
instrumentation and controls—thermocouple, RTD,
strain-bridge, and other sensor signal conditioning—and
precision filters.


Similar Part No. - OP1177ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP1177ARMZ-R71 AD-OP1177ARMZ-R71 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
More results

Similar Description - OP1177ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8671 AD-AD8671 Datasheet
92Kb / 4P
Precision Very Low Noise Low Input Bias Current Operational Amplifiers
OP1177 AD-OP1177 Datasheet
245Kb / 20P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
11/01-Data Sheet changed from REV. 0 to REV. A.
OP1177 AD-OP1177_07 Datasheet
493Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
OP1177 AD-OP1177_09 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
OP1177 AD-OP1177_15 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
OP2177 AD-OP2177_15 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
OP4177 AD-OP4177_15 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com