Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP1177ARMZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # OP1177ARMZ-R7
Description  Precision Low Noise, Low Input Bias Current Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP1177ARMZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button OP1177ARMZ-R7 Datasheet HTML 14Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 15Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 16Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 17Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 18Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 19Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 20Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 21Page - Analog Devices OP1177ARMZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
OP1177/OP2177/OP4177
Data Sheet
Rev. I | Page 18 of 24
PROPER BOARD LAYOUT
The OPx177 is a high precision device. To ensure optimum
performance at the PCB level, care must be taken in the design
of the board layout.
To avoid leakage currents, the surface of the board should be
kept clean and free of moisture. Coating the surface creates a
barrier to moisture accumulation and helps reduce parasitic
resistance on the board.
Keeping supply traces short and properly bypassing the power
supplies minimizes power supply disturbances due to output
current variation, such as when driving an ac signal into a
heavy load. Bypass capacitors should be connected as closely as
possible to the device supply pins. Stray capacitances are a
concern at the outputs and the inputs of the amplifier. It is
recommended that signal traces be kept at least 5 mm from
supply lines to minimize coupling.
A variation in temperature across the PCB can cause a mismatch in
the Seebeck voltages at solder joints and other points where dissi-
milar metals are in contact, resulting in thermal voltage errors. To
minimize these thermocouple effects, orient resistors so heat
sources warm both ends equally. Input signal paths should
contain matching numbers and types of components, where
possible to match the number and type of thermocouple junctions.
For example, dummy components such as zero value resistors
can be used to match real resistors in the opposite input path.
Matching components should be located in close proximity and
should be oriented in the same manner. Ensure leads are of equal
length so that thermal conduction is in equilibrium. Keep heat
sources on the PCB as far away from amplifier input circuitry
as is practical.
The use of a ground plane is highly recommended. A ground
plane reduces EMI noise and also helps to maintain a constant
temperature across the circuit board.
DIFFERENCE AMPLIFIERS
Difference amplifiers are used in high accuracy circuits to improve
the common-mode rejection ratio (CMRR).
R1
V1
V2
R3 = R1
R4 = R1
OP1177
2
3
=
R4
R3
R2
R1
R2
100kΩ
VOUT
6
7
4
V+
V–
Figure 63. Difference Amplifier
In the single instrumentation amplifier (see Figure 63), where
R1
R2
R3
R4 

1
2
O
V
V
R1
R2
V
a mismatch between the ratio R2/R1 and R4/R3 causes the
common-mode rejection ratio to be reduced.
To better understand this effect, consider that, by definition,
CM
DM
A
A
CMRR 
where ADM is the differential gain and ACM is the common-
mode gain.
CM
O
CM
DIFF
O
DM
V
V
A
V
V
A
and

2
1
CM
2
1
DIFF
V
V
V
V
V
V
2
1
and
For this circuit to act as a difference amplifier, its output must
be proportional to the differential input signal.
From Figure 63,
2
1
O
V
R4
R3
R1
R2
V
R1
R2
V
1
1
 
 
Arranging terms and combining the previous equations yields
R2R3
R4R1
R4R2
R3R2
R4R1
CMRR
2
2
2
(1)
The sensitivity of CMRR with respect to the R1 is obtained by
taking the derivative of CMRR, in Equation 1, with respect to R1.
R2R3
R1R4
R2R3
R2R4
R2R3
R1R4
R1R4
R1
R1
CMRR
2
2
2
2
2

R1R4
R2R3
R1
CMRR
2
2
1
Assuming that
R1 ≈ R2 ≈ R3 ≈ R4 ≈ R
and
R(1 − δ) < R1, R2, R3, R4 < R(1 + δ)
the worst-case CMRR error arises when
R1 = R4 = R(1 + δ) and R2 = R3 = R(1 − δ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com