Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094AD Datasheet(PDF) 17 Page - STMicroelectronics

Part # STW5094AD
Description  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094AD Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STW5094AD Datasheet HTML 13Page - STMicroelectronics STW5094AD Datasheet HTML 14Page - STMicroelectronics STW5094AD Datasheet HTML 15Page - STMicroelectronics STW5094AD Datasheet HTML 16Page - STMicroelectronics STW5094AD Datasheet HTML 17Page - STMicroelectronics STW5094AD Datasheet HTML 18Page - STMicroelectronics STW5094AD Datasheet HTML 19Page - STMicroelectronics STW5094AD Datasheet HTML 20Page - STMicroelectronics STW5094AD Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
17/51
STw5094A
Control Register CR5 Functions (Address: 0x05)
(1): Valid only when Voice Data Fs=8kHz (VFS=0). When Voice data Fs=16kHz (VFS=1) The High Pass Filter is always disabled.
*: state at power on initialization
X: reserved: write 0
Control Register CR6 Functions (Address: 0x06)
*: state at power on initialization
X: reserved: write 0
Control Register CR7 Functions (Address: 0x07)
*: state at power on initialization
X: reserved: write 0
7654
3210
Function
HPB
SI
SA(3:0)
XX
0
1
Voice Codec Receive High Pass filter enabled
(1) *
Voice Codec Receive High Pass filter disabled
0
1
Voice Codec internal sidetone disabled
*
Voice Codec internal sidetone enabled
0
0
-
1
0
0
-
1
0
0
-
1
0
1
-
1
-12.5 dB Sidetone gain
*
-13.5 dB Sidetone gain
Sidetone gain in 1 dB step
-27.5 dB Sidetone gain
7
6
5
4
32
10
Function
MUT
PLS
PHL
PHR
SE
RTE
XX
0
1
The active output Drivers are operative
*
The active output Drivers are muted
0
1
LSP
⁄ N output Driver is in power down
*
LSP
⁄ N output Driver is in power up.
0
1
HPL output Driver is in power down
*
HPL output Driver is in power up
0
1
HPR output Driver is in power down
*
HPR output Driver is in power up
0
1
Audio or Voice Codec Signal to LS or HP disabled
*
Audio or Voice Codec Signal to LS or HP enabled.
0
1
Ring
⁄ Tone to LS or HP disabled
*
Ring
⁄ Tone to LS or HP enabled.
7654
3210
Function
LSA(3:0)
XXXX
0
0
0
0
-
1
0
0
0
0
-
1
0
0
1
1
-
1
0
1
0
1
-
1
Earpiece
⁄ Loudspeaker Amplifier 6 dB gain
Earpiece
⁄ Loudspeaker Amplifier 4 dB gain
Earpiece
⁄ Loudspeaker Amplifier 2 dB gain
Earpiece
⁄ Loudspeaker Amplifier 0 dB gain
*
Earpiece
⁄ Loudspeaker Amplifier gain in 2 dB step
Earpiece
⁄ Loudspeaker Amplifier -24 dB gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com