Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094AD Datasheet(PDF) 20 Page - STMicroelectronics

Part # STW5094AD
Description  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094AD Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STW5094AD Datasheet HTML 16Page - STMicroelectronics STW5094AD Datasheet HTML 17Page - STMicroelectronics STW5094AD Datasheet HTML 18Page - STMicroelectronics STW5094AD Datasheet HTML 19Page - STMicroelectronics STW5094AD Datasheet HTML 20Page - STMicroelectronics STW5094AD Datasheet HTML 21Page - STMicroelectronics STW5094AD Datasheet HTML 22Page - STMicroelectronics STW5094AD Datasheet HTML 23Page - STMicroelectronics STW5094AD Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
STw5094A
20/51
Control Register CR15 Functions (Address: 0x0F)
* state at power on initialization
Control Register CR16 Functions (Address: 0x10)
(1) significant in 18
⁄ 20 ⁄ 24 bit per word mode only
(2) Left Channel data is always received first.
(3) First bit delay, in 18
⁄ 20 ⁄ 24 bit per word mode, is applied only if word is left justified.
*: state at power on initialization
7654
3210
Function
BE
BI
BZ(5:0)
0
1
Buzzer output disabled (set to 0)
*
Buzzer output enabled
0
1
Duty Cycle is intended as the relative width of logic 1
*
Duty cycle is intended as the relative width of logic 0
msb
lsb
Binary equivalent of the decimal number used to calculate the
duty cycle, using the formula:
Duty Cycle = BZ(5:0) x 0.78125%
7654
3210
Function
POL
ORD
DIF
INV
FOR
SCL
PREC(1:0)
0
1
AMCK Not Inverted
*
AMCK Inverted
0
1
Audio I/F data order, the MSB is received first (I2S)
*
Audio I/F data order, the LSB is received first
0
1
Audio I/F data alignment, the word is left justified (I2S)(1) *
Audio I/F data alignment, the word is right justified
(1)
0
1
LRCK polarity, when LRCK=0 Left data is received
(I2S) (2) *
LRCK polarity, when LRCK=1 Left data is received
(2)
0
1
Audio I/F format, I2S format (first bit is delayed)
(3) *
Audio I/F format, non delayed formats
0
1
SCK polarity, SDI and LRCK sampled on the rising edge
(I2S)
*
SCK polarity, SDI and LRCK sampled on the falling edge
0
0
1
1
0
1
0
1
Audio I/F data width 16 bit (32 SCK clocks per frame)
*
Audio I/F data width 18 bit (64 SCK clocks per frame)
Audio I/F data width 20 bit (64 SCK clocks per frame)
Audio I/F data width 24 bit (64 SCK clocks per frame)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com