Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094AD Datasheet(PDF) 46 Page - STMicroelectronics

Part # STW5094AD
Description  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094AD Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STW5094AD Datasheet HTML 42Page - STMicroelectronics STW5094AD Datasheet HTML 43Page - STMicroelectronics STW5094AD Datasheet HTML 44Page - STMicroelectronics STW5094AD Datasheet HTML 45Page - STMicroelectronics STW5094AD Datasheet HTML 46Page - STMicroelectronics STW5094AD Datasheet HTML 47Page - STMicroelectronics STW5094AD Datasheet HTML 48Page - STMicroelectronics STW5094AD Datasheet HTML 49Page - STMicroelectronics STW5094AD Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
STw5094A
46/51
TYPICAL PERFORMANCE CHARACTERISTICS (cont.)
TYPICAL PERFORMANCE CHARACTERISTICS (Measures)
Plot 7.
In band Frequency response. FS=8 kHz
High Pass filter disabled (HPB=1).
-1
-0.5
0
0.5
1
0
500
1000
1500
2000
2500
3000
3500
Freq. [Hz]
Digital Rx Voice Filter Characteristic (No High Pass Filt.)
Plot 8.
Audio signal transfer function when the Dynamic
Compressor is active.
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
-1
-0.75 -0.5 -0.25
0
0.25
0.5
0.75
1
Input Amplitude [FS]
Dynamic Compressor Transfer Function
Plot 9.
1 kHz Input signal applied at Au I
⁄ F input (L & R).
Left and right single ended drivers gain set to -6 dB.
VCC=2.7V, Fs=48kHz, 18 bits input word. A-weighted
20
30
40
50
60
70
80
90
100
-70
-60
-50
-40
-30
-20
-10
0
Signal Amplitude [Hz]
Signal to Noise ratio vs Signal Amplitude in Audio Mode
Plot 10.
FFT audio mode (8192 points). 1k
Ω load
Full scale 1kHz input signal applied at Au I
⁄ F input.
Both channels active, Left channel plotted
VCC=2.7V, Fs=48kHz, 18 bits input. 12MHz AMCK
-120
-100
-80
-60
-40
-20
0
0
5000
10000
15000
20000
Frequency [Hz]
Audio DAC Performance at HPL with 1k
Ω load to VCMHP
Plot 12.
FFT FM mode (8192 points). 16
Ω load
1 kHz Signal applied at FM inputs
Both channels active and loaded, left channel plotted
VCC=2.7V, 12MHz AMCK
-120
-100
-80
-60
-40
-20
0
0
5000
10000
15000
20000
Frequency [Hz]
FM mode Performance at HPL with 16
Ωload to VCMHP
10
20
30
40
50
60
70
80
90
-70
-60
-50
-40
-30
-20
-10
0
Signal Amplitude [dB]
Voice Mode SINAD: Receive (RX) and Transmit (TX) path
Plot 11.
1 kHz Signal applied at PCM (RX) or Mic1 (TX) input.
RX: 0 dB gain differential output (0dB=4Vpp out), 8
Ω
load.
TX: 20 dB input gain (0dB=0.2Vpp input).
VCC=2.7V, Fs=8kHz, 300-3400 Hz Linear Weight.
RX Path
TX Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com