Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094AD Datasheet(PDF) 41 Page - STMicroelectronics

Part # STW5094AD
Description  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094AD Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STW5094AD Datasheet HTML 37Page - STMicroelectronics STW5094AD Datasheet HTML 38Page - STMicroelectronics STW5094AD Datasheet HTML 39Page - STMicroelectronics STW5094AD Datasheet HTML 40Page - STMicroelectronics STW5094AD Datasheet HTML 41Page - STMicroelectronics STW5094AD Datasheet HTML 42Page - STMicroelectronics STW5094AD Datasheet HTML 43Page - STMicroelectronics STW5094AD Datasheet HTML 44Page - STMicroelectronics STW5094AD Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
41/51
STw5094A
VOICE CODEC DISTORTION
Receive path
(*) The limit curve shall be determined by straight lines joining successive coordinates given in the table.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
STDRLS
(*)
Signal to Total Distortion
(LSP-LSN)
(up to 14dB attenuation)
8
Ω Load
Typical values are measured with
14dB attenuation.
Sinusoidal Test Method
(measured using linear 300 Hz to
3400 Hz weighting, FS=8kHZ)
Level = +3 dBm0
Level = -6 dBm0
Level = -10 dBm0
Level = -20 dBm0
Level = -30 dBm0
Level = -40 dBm0
Level = -45 dBm0
Level = -55 dBm0
65
62
54
44
34
29
19
77
70
67
59
49
39
34
24
dB
dB
dB
dB
dB
dB
dB
dB
Signal to Total Distortion
(LSP-LSN)
(up to 14dB attenuation)
8
Ω Load
Typical values are measured with
14dB attenuation.
Sinusoidal Test Method
(measured using linear 300 Hz to
6800 Hz weighting, FS=16kHZ)
Level = +3 dBm0
Level = -6 dBm0
Level = -10 dBm0
Level = -20 dBm0
Level = -30 dBm0
Level = -40 dBm0
Level = -45 dBm0
Level = -55 dBm0
74
67
64
56
46
36
31
21
dB
dB
dB
dB
dB
dB
dB
dB
Signal to Total Distortion
(HPL, HPR)
(up to 14dB attenuation)
Typical values are measured with
14dB attenuation
Sinusoidal Test Method
(measured using linear 300 Hz to
3400 Hz weighting, FS=8kHZ)
Level = +3 dBm0
Level = -6 dBm0
Level = -10 dBm0
Level = -20 dBm0
Level = -30 dBm0
Level = -40 dBm0
Level = -45 dBm0
Level = -55 dBm0
74
67
64
56
46
36
31
21
dB
dB
dB
dB
dB
dB
dB
Signal to Total Distortion
(HPL, HPR)
(up to 14dB attenuation)
Typical values are measured with
14dB attenuation
Sinusoidal Test Method
(measured using linear 300 Hz to
6800 Hz weighting, FS=16kHZ)
Level = +3 dBm0
Level = -6 dBm0
Level = -10 dBm0
Level = -20 dBm0
Level = -30 dBm0
Level = -40 dBm0
Level = -45 dBm0
Level = -55 dBm0
71
64
61
53
43
33
28
17
dB
dB
dB
dB
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com