Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA1707TS Datasheet(PDF) 18 Page - NXP Semiconductors

Part # UBA1707TS
Description  Cordless telephone, answering machine line interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA1707TS Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button UBA1707TS Datasheet HTML 14Page - NXP Semiconductors UBA1707TS Datasheet HTML 15Page - NXP Semiconductors UBA1707TS Datasheet HTML 16Page - NXP Semiconductors UBA1707TS Datasheet HTML 17Page - NXP Semiconductors UBA1707TS Datasheet HTML 18Page - NXP Semiconductors UBA1707TS Datasheet HTML 19Page - NXP Semiconductors UBA1707TS Datasheet HTML 20Page - NXP Semiconductors UBA1707TS Datasheet HTML 21Page - NXP Semiconductors UBA1707TS Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
1999 Feb 17
18
Philips Semiconductors
Product specification
Cordless telephone, answering machine
line interface
UBA1707
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage on pin VCC
GND
− 0.4 5.5
V
VLN
positive continuous line voltage on pin LN
GND
− 0.4 12.0
V
repetitive line voltage during switch-on or
line interruption
GND
− 0.4 13.2
V
VSWIn
voltage on pins SWI1, SWI2, and SWI3
continuous
GND
− 0.4 12.0
V
during switching
GND
− 0.4 13.2
V
Vn(max)
maximum voltage on all other pins
GND
− 0.4 VCC + 0.4
V
ILN
current sunk by pin LN
see Figs 14 and 15
−
150
mA
ISWIn
continuous current sunk by
pins SWI1, SWI2, and SWI3
bit SWCn = 1
−
20
mA
Ptot
total power dissipation
Tamb =75 °C;
see Figs 14 and 15
UBA1707T
−
625
mW
UBA1707TS
−
416
mW
Tstg
IC storage temperature
−40
+125
°C
Tamb
operating ambient temperature
−25
+75
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air
UBA1707T
70
K/W
UBA1707TS
104
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com