Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA1707TS Datasheet(PDF) 21 Page - NXP Semiconductors

Part # UBA1707TS
Description  Cordless telephone, answering machine line interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA1707TS Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button UBA1707TS Datasheet HTML 17Page - NXP Semiconductors UBA1707TS Datasheet HTML 18Page - NXP Semiconductors UBA1707TS Datasheet HTML 19Page - NXP Semiconductors UBA1707TS Datasheet HTML 20Page - NXP Semiconductors UBA1707TS Datasheet HTML 21Page - NXP Semiconductors UBA1707TS Datasheet HTML 22Page - NXP Semiconductors UBA1707TS Datasheet HTML 23Page - NXP Semiconductors UBA1707TS Datasheet HTML 24Page - NXP Semiconductors UBA1707TS Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
1999 Feb 17
21
Philips Semiconductors
Product specification
Cordless telephone, answering machine
line interface
UBA1707
CHARACTERISTICS
Iline = 15 mA; VCC = 3.3 V; RSLPE =10 Ω; AGC pin connected to GND; Zline = 600 Ω; ZSET = 619 Ω; EHI = HIGH;
f = 1 kHz; Tamb =25 °C; bit AGC at logic 1, all other configuration bits at logic 0; measured in test circuit of Fig.17;
unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (pins VCC and GND; bit PD)
VCC
operating supply voltage
3.0
5.5
V
ICC
current consumption from
pin VCC
2.2
3.2
mA
ICC(pd)
current consumption from
pin VCC in power-down mode
bit PD = 1
110
150
µA
Line interface (pins LN, SLPE and REG)
DC CHARACTERISTICS
Vref
stabilized voltage between
pins LN and SLPE
Iline = 11 to 140 mA
2.6
2.9
3.2
V
VLN
DC line voltage between pins
LN and GND
Iline =2mA
1.2
V
Iline =4mA
1.8
V
Iline = 15 mA
2.7
3.0
3.3
V
Iline = 140 mA
4.35
V
VLN(Rext)
DC line voltage between pins
LN and GND with an external
resistor RVA
RVA(SLPE−REG) =8kΩ−
4.5
V
∆VLN(T)
DC line voltage variation with
temperature referenced to
25
°C
Tamb = −25 to +75 °C
8.0
mV
Masks regulation (pins LCC, LVI, CST and RGL; bit CRC)
DC CHARACTERISTICS
ILCC(max)
maximum current sunk by
pin LCC
500
−−
µA
Rint(LCC)
internal resistance between
pins VCC and LCC
165
k
Voltage regulation mode
ILVIV
current sourced from pin LVI
bit CRC = 0
200
nA
Current regulation mode
Iknee
start line current for current
regulation mode
bit CRC = 1
35
mA
RREGC
DC mask slope in current
regulation mode
Iline >Iknee; RLVI =1 MΩ;
RRGL = 7.15 kΩ; bit CRC = 1
1.4
k
Current limitation
Iprot
current limitation level
145
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com