Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA1707TS Datasheet(PDF) 19 Page - NXP Semiconductors

Part # UBA1707TS
Description  Cordless telephone, answering machine line interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA1707TS Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button UBA1707TS Datasheet HTML 15Page - NXP Semiconductors UBA1707TS Datasheet HTML 16Page - NXP Semiconductors UBA1707TS Datasheet HTML 17Page - NXP Semiconductors UBA1707TS Datasheet HTML 18Page - NXP Semiconductors UBA1707TS Datasheet HTML 19Page - NXP Semiconductors UBA1707TS Datasheet HTML 20Page - NXP Semiconductors UBA1707TS Datasheet HTML 21Page - NXP Semiconductors UBA1707TS Datasheet HTML 22Page - NXP Semiconductors UBA1707TS Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
1999 Feb 17
19
Philips Semiconductors
Product specification
Cordless telephone, answering machine
line interface
UBA1707
Fig.14 Safe operating area (UBA1707T).
LINE
Tamb (°C)
Ptot (mW)
(1)
45
1000
(2)
55
875
(3)
65
750
(4)
75
625
When power is delivered to a loudspeaker with RL impedance, the curves must be shifted to the left by:
with maximum power dissipated by the loudspeaker amplifier (dotted line given for VCC = 5.5 V, RL =16 Ω).
∆V
ref
V
CC
2
2
π
2
R
L
I
LN
×
×
×
------------------------------------------
=
The line current value can be calculated from ILN value as follows:
where RSET is the resistive part of ZSET.
I
line
I
LN
R
SET
R
SLPE
+
() V
LN
V
SLPE
–
+
×
R
SET
----------------------------------------------------------------------------------------------
=
handbook, full pagewidth
12
150
30
23456
89
10
11
MGK714
7
50
70
90
110
130
VLN − VSLPE (V)
ILN
(mA)
(1)
(2)
(3)
(4)
no power delivered to the loudspeaker
with power delivered to the loudspeaker
∆ Vref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com