Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA1707TS Datasheet(PDF) 28 Page - NXP Semiconductors

Part # UBA1707TS
Description  Cordless telephone, answering machine line interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA1707TS Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button UBA1707TS Datasheet HTML 24Page - NXP Semiconductors UBA1707TS Datasheet HTML 25Page - NXP Semiconductors UBA1707TS Datasheet HTML 26Page - NXP Semiconductors UBA1707TS Datasheet HTML 27Page - NXP Semiconductors UBA1707TS Datasheet HTML 28Page - NXP Semiconductors UBA1707TS Datasheet HTML 29Page - NXP Semiconductors UBA1707TS Datasheet HTML 30Page - NXP Semiconductors UBA1707TS Datasheet HTML 31Page - NXP Semiconductors UBA1707TS Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MGK718
LN
SWI2
SWI1
EHI
SWI3
219
20
21
11
DATA
12
EN
13
CLK
14
RXI
10
RXO
8
LCC
CST
REG
LVI
67
4
3
AGC
9
RGL
5
DLC
28
LSPGND
23
TXI
+
18
TXI
−
17
VCC
ICC
25
SLPE
1
AXI
15
AXO
16
LSAI2
GND
27
LSAI1
26
LSAO
24
MICROCONTROLLER
UBA1707
CRXI
100 nF
CDLC
220 nF
CLVI
(2)
470 pF
CVCC
10
µF
CEMC
(3)
10 nF
CREG
4.7
µF
CLSAO
220
µF
CRXO
RSLPE
Rast3
392
Ω
RLVI
1 M
Ω
RRGL
7.15 k
Ω
ZSET
619
Ω
10
Ω
Zbal
Rast2
3.92 k
Ω
Rast1
260 k
Ω
BZX79C8V2
CAXI
100 nF
CTXIP
100 nF
CTXIM
100 nF
22
CLSAI2
100 nF
CAXO
CCST
22 pF
CLSAI1
100 nF
TNON-HOOK
MPSA42
TPDARL
MPSA92
100 k
Ω
RON-HOOK
DPROT
1N4148
RPLD
20 k
Ω
DSW
1N4148
TNSW
BUX86
(MPSA42
(1)
)
VVCC
VLN
BRIDGE
4
× BAS11
a/b
b/a
BOD
BR211-240
LSP
16
Ω
CLCC
(4)
6.8 pF
Fig.18 Typical application.
(1) In case of low line current in voltage regulation mode.
(2) Only required in current regulation mode.
(3) To improve EMC performance; necessary for stability.
(4) To improve stability only in current regulation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com