Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6570GR Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP6570GR
Description  3-Phase BLDC Controller with a High-Accuracy Angular Sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6570GR Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP6570GR Datasheet HTML 17Page - Monolithic Power Systems MP6570GR Datasheet HTML 18Page - Monolithic Power Systems MP6570GR Datasheet HTML 19Page - Monolithic Power Systems MP6570GR Datasheet HTML 20Page - Monolithic Power Systems MP6570GR Datasheet HTML 21Page - Monolithic Power Systems MP6570GR Datasheet HTML 22Page - Monolithic Power Systems MP6570GR Datasheet HTML 23Page - Monolithic Power Systems MP6570GR Datasheet HTML 24Page - Monolithic Power Systems MP6570GR Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
MP6570
– 3-PHASE BLDC CONTROLLER WITH HIGH-ACCURACY ANGULAR SENSOR
MP6570 Rev. 1.0
www.MonolithicPower.com
21
3/4/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Address: 21h
Bit[15:0]
Name
Default
Description
[15:7]
SPD_CMD_HYS
01H
Speed command hysteresis at PWM input signal input mode.
[6:4]
SPD_MON_GAIN
011
Set to 000 if gainspd is 1/8
Set to 001 if gainspd is 1/4
Set to 010 if gainspd is 1/2
Set to 011 if gainspd is 1
Set to 100 if gainspd is 2
Set to 101 if gainspd is 4
Set to 110 if gainspd is 8
[3:0]
SPD_RANGE
0000
Defines the speed reference, together with SPEED_CMD, in
speed control mode.
4'b1100: gainspd is 1/8
4'b1010: gainspd is 1/4
4'b1001: gainspd is 1/2
4'b0100: gainspd is 8
4'b0010: gainspd is 4
4'b0001: gainspd is 2
4'bx000: gainspd is 1
[15:0]
SPD_MIN
0014H
Defines the min. speed reference in speed control mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com