Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6570GR Datasheet(PDF) 43 Page - Monolithic Power Systems

Part # MP6570GR
Description  3-Phase BLDC Controller with a High-Accuracy Angular Sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6570GR Datasheet(HTML) 43 Page - Monolithic Power Systems

Back Button MP6570GR Datasheet HTML 39Page - Monolithic Power Systems MP6570GR Datasheet HTML 40Page - Monolithic Power Systems MP6570GR Datasheet HTML 41Page - Monolithic Power Systems MP6570GR Datasheet HTML 42Page - Monolithic Power Systems MP6570GR Datasheet HTML 43Page - Monolithic Power Systems MP6570GR Datasheet HTML 44Page - Monolithic Power Systems MP6570GR Datasheet HTML 45Page - Monolithic Power Systems MP6570GR Datasheet HTML 46Page - Monolithic Power Systems MP6570GR Datasheet HTML 47Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
MP6570
– 3-PHASE BLDC CONTROLLER WITH HIGH-ACCURACY ANGULAR SENSOR
MP6570 Rev. 1.0
www.MonolithicPower.com
43
3/4/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Address: 3Bh
SLV_ADDR_SET
Slave Address
SLV_ADDR_SET
Slave Address
0 0000
12H
1 0000
52H
0 0001
13H
1 0001
53H
0 0010
18H
1 0010
58H
0 0011
19H
1 0011
59H
0 0100
1AH
1 0100
5AH
0 0101
1BH
1 0100
5BH
0 0110
1CH
1 0110
5CH
0 0111
1DH
1 0111
5DH
0 1000
1EH
1 1000
5EH
0 1001
1FH
1 1001
5FH
0 1010
20H
1 1010
60H
0 1011
21H
1 1011
61H
0 1100
22H
1 1100
62H
0 1101
23H
1 1101
63H
0 1110
24H
1 1110
64H
0 1111
25H
1 1111
65H
I2C Interface
If the COM_MOD[1:0] bits are set to 00, the I2C
interface is selected to write or read the register
values. The MP6570 uses standard I2C protocol
to write/read the RAM registers and non-volatile
memory.
Figure 31 details the various I2C protocols
supported by the MP6570. The supported
protocols include word write and word read.
The communication clock is supported with a
maximum frequency of 1000kHz.
S
slave address
(7-bit)
wr
A
command code
(8-bit)
A
Data_H
(8-bit)
A
Data_L
(8-bit)
A
P
S
slave
address
(7-bit)
wr A
command code
(8-bit)
A
S
slave
address
(7-bit)
Rd A
Data_H
(8-bit)
A
Data_L
(8-bit)
N
A
P
S
start
P
stop
A
ACK
NA NACK
Master to
slave
Slave to
master
wr
Write(bit value =
0)
Rd Read(bit value =
1)
Word Write:
Word Read:
Figure 31: I2C Read/Write Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com