Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6570GR Datasheet(PDF) 46 Page - Monolithic Power Systems

Part # MP6570GR
Description  3-Phase BLDC Controller with a High-Accuracy Angular Sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6570GR Datasheet(HTML) 46 Page - Monolithic Power Systems

Back Button MP6570GR Datasheet HTML 42Page - Monolithic Power Systems MP6570GR Datasheet HTML 43Page - Monolithic Power Systems MP6570GR Datasheet HTML 44Page - Monolithic Power Systems MP6570GR Datasheet HTML 45Page - Monolithic Power Systems MP6570GR Datasheet HTML 46Page - Monolithic Power Systems MP6570GR Datasheet HTML 47Page - Monolithic Power Systems MP6570GR Datasheet HTML 48Page - Monolithic Power Systems MP6570GR Datasheet HTML 49Page - Monolithic Power Systems MP6570GR Datasheet HTML 50Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
MP6570
– 3-PHASE BLDC CONTROLLER WITH HIGH-ACCURACY ANGULAR SENSOR
MP6570 Rev. 1.0
www.MonolithicPower.com
46
3/4/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Address: 33h
Bit[15:0]
Name
Default
Description
[0]
SPI_O_MOD
0
0: SPI SDO signal open-drain output
1: SPI SDO signal push-pull output
Address: 34h
Bit[15:0]
Name
Default
Description
[12:0]
BAUR_RATE
0027H
Sets the baud rate of RS485.
BAUR_RATE[12:0] = 40000000/fbps - 1
Where fbps (bit/s) is target baud rate.
Address: 3Bh
Bit[15:0]
Name
Default
Description
[6:0]
UART_IDLE_TIME
00H
Defines the TWAIT time during a read operation.
TWAIT time is (UART_IDLE_TIME+1) * 200ns
Read-Only Register
Address: 53h
Bit[15:0]
Bit Name
Access
Default
Description
[15:4]
N/A
[3]
LOCK_FLAG
r
Lock fault indication bit.
[2]
OCP_FLAG
r
OCP fault indication bit.
[1]
PSFT_FLAG
r
Power stage fault indication bit.
[0]
MEM_FAULT
r
Memory load fault indication bit.
Address: 54h
Bit[15:0]
Bit Name
Access
Default
Description
[15:3]
N/A
[2:0]]
SYS_STATE[2:0]
r
System state machine.
0: idle
1: load memory
2: address sample
3: bias sample
4: motor start
5: fault retry
6: memory fault
Address: 55h
Bit[15:0]
Bit Name
Access
Default
Description
[15:0]]
THETA_M[15;0]
r
Theta data from sensor.
Address: 56h
Bit[15:0]
Bit Name
Access
Default
Description
[15:11]
N/A
[10:0]]
IA_SENSE10:0]
r
ISA ADC result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com