Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4412A Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4412A
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412A Datasheet(HTML) 5 Page - Cirrus Logic

  CS4412A Datasheet HTML 1Page - Cirrus Logic CS4412A Datasheet HTML 2Page - Cirrus Logic CS4412A Datasheet HTML 3Page - Cirrus Logic CS4412A Datasheet HTML 4Page - Cirrus Logic CS4412A Datasheet HTML 5Page - Cirrus Logic CS4412A Datasheet HTML 6Page - Cirrus Logic CS4412A Datasheet HTML 7Page - Cirrus Logic CS4412A Datasheet HTML 8Page - Cirrus Logic CS4412A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DS786A1
5
CS4412A
2. CHARACTERISTICS AND SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
GND = PGND = 0 V, all voltages with respect to ground.
ABSOLUTE MAXIMUM RATINGS
GND = PGND = 0 V; all voltages with respect to ground.
WARNING: Operation beyond these limits may result in permanent damage to the device. Normal operation is not
guaranteed at these extremes.
Notes:
1. Any pin except supplies. Transient currents of up to ±100 mA on the PWM input pins will not cause
SCR latch-up.
2. The maximum over/under voltage is limited by the input current.
Parameters
Symbol
Min
Nom
Max
Units
DC Power Supply
Digital Core
VD
2.375
2.5
2.625
V
VD
3.135
3.3
3.465
V
VD
4.75
5.0
5.25
V
Power Stage
VP
8.0
18.0
V
Temperature
Ambient Temperature
Commercial
TA
-10
-
+70
°C
Junction Temperature
TJ
-10
-
+125
°C
Parameters
Symbol
Min
Max
Units
DC Power Supply
Power Stage
Outputs Switching and Under Load
Power Stage
No Output Switching
Digital Core
VP
VP
VD
-0.3
-0.3
-0.3
19.8
23.0
6.0
V
V
V
Inputs
Input Current
(Note 1)Iin
-±10
mA
Digital Input Voltage
(Note 2)VIND
-0.3
VD + 0.4
V
Temperature
Ambient Operating Temperature - Power Applied
Commercial
TA
-20
+85
°C
Storage Temperature
Tstg
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com