Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4412A Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4412A
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412A Datasheet(HTML) 4 Page - Cirrus Logic

  CS4412A Datasheet HTML 1Page - Cirrus Logic CS4412A Datasheet HTML 2Page - Cirrus Logic CS4412A Datasheet HTML 3Page - Cirrus Logic CS4412A Datasheet HTML 4Page - Cirrus Logic CS4412A Datasheet HTML 5Page - Cirrus Logic CS4412A Datasheet HTML 6Page - Cirrus Logic CS4412A Datasheet HTML 7Page - Cirrus Logic CS4412A Datasheet HTML 8Page - Cirrus Logic CS4412A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
DS786A1
CS4412A
RAMP_CAP
24
Output Ramp Capacitor (Input) - Used by the PWM PopGuard Transient Control to suppress the
initial pop in half-bridge-configured outputs.
GND
10,13
14,15
16,17
18,19
20,47
48
Ground (Input) - Ground for the internal logic and I/O. These pins should be connected to the
common system ground.
VP
25,30
31,36
High Voltage Output Power (Input) - High voltage power supply for the individual output power
half-bridge devices.
PGND
22,23
27,28
33,34
37,38
39,40
Power Ground (Input) - Ground for the individual output power half-bridge devices. These pins
should be connected to the common system ground.
OUT4
OUT3
OUT2
OUT1
26
29
32
35
PWM Output (Output) - Amplified PWM power outputs.
TWR
41
Thermal Warning Output (Output) - Thermal warning output. Open drain, active low. See
“Device Protection and Error Reporting” on page 19.
ERRUVTE
42
Thermal and Under-voltage Error Output (Output) - Error flag for thermal shutdown and under-
voltage. Open drain, active low. See “Device Protection and Error Reporting” on page 19
ERROC12
ERROC34
43
44
Over-current Error Output (Output) - Over-current error flag for the associated outputs. Open
drain, active low. See “Device Protection and Error Reporting” on page 19.
RAMP
45
Ramp-up/down Select (Input) - Set high to enable ramping. When set low, ramping is disabled.
See “PWM Popguard Transient Control” on page 13.
Thermal Pad
-
Thermal Pad - Thermal relief pad for optimized heat dissipation. See “QFN Thermal Pad” on
page 20 for more information.
Pin Name
Pin #
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com