Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4412A Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4412A
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412A Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4412A Datasheet HTML 9Page - Cirrus Logic CS4412A Datasheet HTML 10Page - Cirrus Logic CS4412A Datasheet HTML 11Page - Cirrus Logic CS4412A Datasheet HTML 12Page - Cirrus Logic CS4412A Datasheet HTML 13Page - Cirrus Logic CS4412A Datasheet HTML 14Page - Cirrus Logic CS4412A Datasheet HTML 15Page - Cirrus Logic CS4412A Datasheet HTML 16Page - Cirrus Logic CS4412A Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DS786A1
13
CS4412A
4. APPLICATIONS
4.1
Overview
The CS4412A is a high-efficiency power stage for digital Class-D amplifiers designed to be configured as
four half-bridge channels, two half-bridge channels and one full-bridge channel, two full-bridge channels, or
one parallel full-bridge channel.
The CS4412A integrates on-chip over-current, under-voltage, over-temperature protection and error report-
ing as well as a thermal warning indicator. The low RDS(ON) outputs can source up to 2.5 A peak current,
delivering 85% efficiency. This efficiency provides for smaller device package, no external heat sink require-
ments, and smaller power supplies.
4.2
Reset and Power-Up
Reliable power-up can be accomplished by keeping the device in reset until the power supplies and config-
uration pins are stable. It is also recommended that the RST12 and RST34 pins be activated if the voltage
supplies drop below the recommended operating condition to prevent power-glitch related issues.
When the RST12 or RST34 are low, the corresponding channels of the CS4412A enter a low-power mode;
all of the channels’ internal states are reset and the corresponding power output pins are held in a high-
impedance state. When RST12 or RST34 are high, the corresponding outputs will begin normal operation
according to the RAMP, CNFG[2:0], and IN1 - IN4 pins.
4.2.1
PWM Popguard Transient Control
The CS4412A uses PWM Popguard technology to minimize the effects of output transients during power-
up and power-down for half-bridge configurations. This technique reduces the audio transients commonly
produced by half-bridge, single-supply amplifiers when implemented with external DC-blocking capacitors
connected in series with the audio outputs.
When the device is configured for ramping (RAMP set high) and RST12 or RST34 is set high, the corre-
sponding power outputs will ramp-up to the bias point (VP/2). This gradual voltage ramping allows time
for the external DC-blocking capacitor to charge to the quiescent voltage, minimizing the power-up tran-
sient. The corresponding outputs will not begin normal operation until the ramp has reached the bias point.
The time it takes to complete a ramp-up sequence will vary slightly from the applied VP voltage; typical
ramp-up speeds achieved with a 1000
μF DC blocking capacitor are listed in Table 2. These times will
scale with the value of the capacitor.
VP Voltage
Typical Ramp Time*
12 V
1.25 seconds
15 V
0.95 seconds
18 V
0.80 seconds
* With 1000
μF DC Blocking Capacitor.
Table 2. Typical Ramp Times for Typical VP Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com